Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PL2576-XXXF5 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part No. PL2576-XXXF5
Description  Simple Switcher 3A Step- Down Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYSTEKEC [Cystech Electonics Corp.]
Homepage  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL2576-XXXF5 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  PL2576-XXXF5 Datasheet HTML 1Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 2Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 3Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 4Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 5Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 6Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 7Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 8Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C543F5
Issued Date : 2004.02.27
Revised Date :
Page No. : 2/10
PL2576-XXXF5
CYStek Product Specification
Typical Application (Fixed Output Voltage Version)
+
+
+
7V-40V unregulated
+VIN
35
2
4
+5V regulated output
PL2576-5.0
1
GND
ON/OFF
Feedback
Output
DC input
3A load
Cout
L1
D1
1000μF
1N5822
100μH
Cin
100μF
Block Diagram
1
4
R2
R1
1.23V
reference
52kHz
Oscillator
Reset
Thermal
Current
Shutdown Limit
Internal
Regulator
ON / OFF
5
2
3
+
Vin
Cin
Feedback
ON/OFF
Output
L1
+
L
O
A
D
GND
D1
Cout
Vout
3 Amp
Switch
Driver
Comparator
Fixed Gain
Error Amp
1.0k
Unregulated
DC Input
3.3V, R2=1.7k
5V, R2=3.1k
12V, R2=8.84k
15V, R2=11.3k
For Adjustable version, R1=open, R2=0
band-gap
Ordering Information
Output Voltage
Temperature
Range
3.3
5.0
12
15
ADJ
Package
Type
-40℃≤TA≤125℃
PL2576-3.3F5 PL2576-5.0F5 PL2576-12F5 PL2576-15F5 PL2576-ADJF5 TO-263-5L
Figure. 1


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn