Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PL2576-XXXF5 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part No. PL2576-XXXF5
Description  Simple Switcher 3A Step- Down Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYSTEKEC [Cystech Electonics Corp.]
Homepage  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL2576-XXXF5 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

Back Button PL2576-XXXF5 Datasheet HTML 2Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 3Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 4Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 5Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 6Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 7Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 8Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 9Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 10Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C543F5
Issued Date : 2004.02.27
Revised Date :
Page No. : 6/10
PL2576-XXXF5
CYStek Product Specification
Typical Performance Characteristics (circuit of Figure 2)
Norm alized Output Voltage
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
Junction Temperature(℃)
VIN = 20V,ILOAD = 500mA
Normalized at TJ = 25℃
Line Regulation
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1020304050
Input Voltage(V)
ILOAD = 500mA,
TJ = 25℃
3.3V, 5V & ADJ
12V & 15V
Dropout Voltage
0
0.25
0.5
0.75
1
1.25
1.5
1.75
-75 -50 -25
0
25
50
75
100 125 150
Junction Temperature(℃)
ILOAD=0.2A
ILOAD=1A
ILOAD=3A
L1 = 150μH
Rind = 0.1Ω
Standby Quiescent Current
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
Junction Temperature(℃)
VIN=40V
VIN=12V
VON/OFF = 5V
Quiescent Current
4
6
8
10
12
14
16
18
20
0
1020304050
Input Voltage (V)
ILOAD=0.2A
ILOAD=3A
VOUT = 5V, measured
at ground pin, TJ = 25℃
Current Lim it
4
4.5
5
5.5
6
6.5
-75 -50 -25
0
25
50
75
100 125 150
Junction Temperature (℃)
VIN=25V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn