Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PL2576-XXXF5 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part No. PL2576-XXXF5
Description  Simple Switcher 3A Step- Down Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYSTEKEC [Cystech Electonics Corp.]
Homepage  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL2576-XXXF5 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  PL2576-XXXF5 Datasheet HTML 1Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 2Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 3Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 4Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 5Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 6Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 7Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 8Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C543F5
Issued Date : 2004.02.27
Revised Date :
Page No. : 4/10
PL2576-XXXF5
CYStek Product Specification
PL2576-12 Electrical Characteristics
Specifications with standard type face are for TJ=25°C, and those with boldface type apply over full
operating temperature range
Symbol
Parameter
Conditions
Typ
Min
Max
Units
System Parameters (Note 3) Test Circuit Figure 2
VOUT
Output Voltage VIN=25V, ILOAD=0.5A
Circuit of Figure 2
12
11.76
12.24
V
VOUT
Output Voltage
15V≤VIN≤40V, 0.5A≤ILOAD≤3A
Circuit of Figure 2
12
11.52/11.40
12.48/12.60
V
η
Efficiency
VIN=15V, ILOAD=3A
88
%
PL2576-15 Electrical Characteristics
Specifications with standard type face are for TJ=25°C, and those with boldface type apply over full
operating temperature range
Symbol
Parameter
Conditions
Typ
Min
Max
Units
System Parameters (Note 3) Test Circuit Figure 2
VOUT
Output Voltage VIN=25V, ILOAD=0.5A
Circuit of Figure 2
15
14.7
15.3
V
VOUT
Output Voltage
18V≤VIN≤40V, 0.5A≤ILOAD≤3A
Circuit of Figure 2
3.3
14.40/14.25
15.60/15.75
V
η
Efficiency
VIN=18V, ILOAD=3A
88
%
PL2576-ADJ Electrical Characteristics
Specifications with standard type face are for TJ=25°C, and those with boldface type apply over full
operating temperature range
Symbol
Parameter
Conditions
Typ
Min
Max
Units
System Parameters (Note 3) Test Circuit Figure 2
VOUT
Feedback
Voltage
VIN=12V, ILOAD=0.5A,
VOUT=5V, Circuit of Figure 2
1.230
1.217
1.243
V
VOUT
Feedback
Voltage
8V≤VIN≤40V, 0.5A≤ILOAD≤3A
VOUT=5V, Circuit of Figure 2
1.230
1.193/1.180
1.267/1.280
V
η
Efficiency
VIN=12V, ILOAD=3A,
VOUT=5V
77
%


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn