Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PL2576-XXXF5 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part No. PL2576-XXXF5
Description  Simple Switcher 3A Step- Down Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYSTEKEC [Cystech Electonics Corp.]
Homepage  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL2576-XXXF5 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  PL2576-XXXF5 Datasheet HTML 1Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 2Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 3Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 4Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 5Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 6Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 7Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 8Page - Cystech Electonics Corp. PL2576-XXXF5 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C543F5
Issued Date : 2004.02.27
Revised Date :
Page No. : 3/10
PL2576-XXXF5
CYStek Product Specification
Absolute Maximum Ratings (Note 1)
Maximum supply voltage ………………………………………………………………………………………………45V
ON/OFF pin input voltage …………………………………………………………………………………-0.3V≤V≤+VIN
Output voltage to ground (steady state)…………………………………………………………………………………-1V
Power dissipation ………………………………………………………………………………………. Internally limited
Storage temperature range…………………………….…………………………………………………..-65°C to +150°C
Maximum junction temperature……. ……………………………………………………………………………….150°C
Minimum ESD rating (C=100pF, R=1.5kΩ)
……………………………………………………………………2kV
Lead temperature (Soldering, 10 seconds)……………………………………………………………….. …………260°C
Operating Ratings
Temperature range…………………………………………………………………………………. .-40°C ≤ TJ ≤ +125°C
Supply voltage…………………………………………………………………………………………………………40V
PL2576-3.3 Electrical Characteristics
Specifications with standard type face are for TJ=25°C, and those with boldface type apply over full
operating temperature range
Symbol
Parameter
Conditions
Typ
Min
Max
Units
System Parameters (Note 3) Test Circuit Figure 2
VOUT
Output Voltage VIN=12V, ILOAD=0.5A
Circuit of Figure 2
3.3
3.234
3.336
V
VOUT
Output Voltage
6V≤VIN≤40V, 0.5A≤ILOAD≤3A
Circuit of Figure 2
3.3
3.168/3.135
3.432/3.465
V
η
Efficiency
VIN=12V, ILOAD=3A
75
%
PL2576-5.0 Electrical Characteristics
Specifications with standard type face are for TJ=25°C, and those with boldface type apply over full
operating temperature range
Symbol
Parameter
Conditions
Typ
Min
Max
Units
System Parameters (Note 3) Test Circuit Figure 2
VOUT
Output Voltage VIN=12V, ILOAD=0.5A
Circuit of Figure 2
5.0
4.9
5.1
V
VOUT
Output Voltage
8V≤VIN≤40V, 0.5A≤ILOAD≤3A
Circuit of Figure 2
3.3
4.800/4.750
5.200/5.250
V
η
Efficiency
VIN=12V, ILOAD=3A
77
%


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn