Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL1085-XXXE3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # PL1085-XXXE3
Description  3A Low Dropout Positive Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL1085-XXXE3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  PL1085-XXXE3 Datasheet HTML 1Page - Cystech Electonics Corp. PL1085-XXXE3 Datasheet HTML 2Page - Cystech Electonics Corp. PL1085-XXXE3 Datasheet HTML 3Page - Cystech Electonics Corp. PL1085-XXXE3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C540E3
Issued Date : 2003.06.24
Revised Date :
Page No. : 2/4
PL1085E3
CYStek Product Specification
Ordering Information
Device
Output Voltage
Device
Output Voltage
PL1085-AdjE3
Adjustable
PL1085-3.0E3
3.0V
PL1085-1.5E3
1.5V
PL1085-3.3E3
3.3V
PL1085-1.8E3
1.8V
PL1085-3.5E3
3.5V
PL1085-2.5E3
2.5V
PL1085-5.0E3
5.0V
PL1085-2.85E3
2.85V
Absolute Maximum Ratings
VIN pin to ADJ/GND pin ……………………………………………………………………………………………….7V
Operating Junction Temperature Range ………………………………………………………………………0°C~ 125°C
Storage Temperature Range………………………………………………………………………………..- 65°C ~ 150°C
Thermal Resistance Junction to Case ……………………………………………………………………………… 3°C /W
Thermal Resistance Junction to Ambient (Assume no ambient airflow, no heatsink) …………………………… 50°C /W
Lead Temperature (Soldering) 10 sec. ……………………………………………………………………………….260°C
Electrical Characteristics (Vin=5V, Io=10mA,Tj=25℃,unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VREF
Reference Voltage
Tj=25
°C
1.238 1.250 1.262
V
Vo
Output Voltage
PL1085-1.5
PL1085-1.8
PL1085-2.5
PL1085-2.85
PL1085-3.0
PL1085-3.3
PL1085-3.5
PL1085-5.0
1.48
1.78
2.47
2.82
2.97
3.26
3.46
4.95
1.50
1.80
2.50
2.85
3.00
3.30
3.50
5.00
1.52
1.82
2.53
2.88
3.03
3.34
3.54
5.05
V
Adj : 2.65V
≤Vin≤7V,Tj=25℃
∆Vo
Line Regulation
Fix : 1.4+Vout
≤Vin≤7V
-
0.015
0.2
%
∆Vo
Load Regulation
10mA
≤Io≤3A,Tj=25℃
-
-
0.6
%
Is
Current Limit
Vin-Vout=1.5V
3
-
-
A
IAdj
Adjust Pin Current
2.65V
≤Vin≤7V
-
55
90
μ
A
∆IAdj
Adjust Pin Current
Change
2.65V
≤Vin≤7V, 0°C≤Tj≤125°C
-
0.2
5
μ
A
Ts
Temperature Stability
Io=0.5A, 0
°C≤Tj≤125°C
-
0.5
-
%
IL
Minimum Load Current
0
°C≤Tj≤125°C
-
5
10
mA
VN
RMS Output Noise(% of Vout)
10Hz
≤f≤10KHz,Tj=25℃
-
0.003
-
%
RR
Ripple Rejection Ratio
Vin-Vout=3V, f=120Hz,
Cout=25μF
60
72
-
dB
VD
Dropout Voltage
∆Vout , ∆VREF=1%,
10mA
≤Io≤3A
0
°C≤Tj≤125°C
-
1.2
1.3
V


Similar Part No. - PL1085-XXXE3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
More results

Similar Description - PL1085-XXXE3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
   3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
   3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
   3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com