Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL3845A Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # PL3845A
Description  High Performance Current Mode PWM Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL3845A Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  PL3845A Datasheet HTML 1Page - Cystech Electonics Corp. PL3845A Datasheet HTML 2Page - Cystech Electonics Corp. PL3845A Datasheet HTML 3Page - Cystech Electonics Corp. PL3845A Datasheet HTML 4Page - Cystech Electonics Corp. PL3845A Datasheet HTML 5Page - Cystech Electonics Corp. PL3845A Datasheet HTML 6Page - Cystech Electonics Corp. PL3845A Datasheet HTML 7Page - Cystech Electonics Corp. PL3845A Datasheet HTML 8Page - Cystech Electonics Corp. PL3845A Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C510Q8-A
Issued Date : 2003.08.12
Revised Date :
Page No. : 4/15
PL384XAQ8
CYStek Product Specification
Electrical Characteristics (continued)
Parameter
Test Conditions
Symbol
Min. Typ. Max.
Unit
Undervoltage Lockout Section
PL3842A/PL3844A
14.5
16
17.5
V
Start Threshold
PL3843A/PL3845A
7.8
8.4
9.0
V
Min Operating Voltage
After Turn-on
PL3842A/PL3844A
PL3843A/PL3845A
8.5
7.0
10
7.6
11.5
8.2
V
PWM Section
PL3842A/PL3843A
94
96
100
%
Maximum Duty Cycle
PL3844A/PL3845A
47
48
50
%
Minimum Duty Cycle
-
-
0
%
Total Standby Current
VI=6.5V for PL3843A/45A
Ist
-
0.17
0.3
mA
Start-up Current
VI=14V for PL3842A/44A
-
0.17
0.3
mA
Operating Supply Current
VPIN 2 = VPIN 3 = 0V
II
-
12
17
mA
Zener Voltage
II = 25 mA
VIZ
30
38
-
V
Notes: 1. Max. package power dissipation limits must be respected; low duty cycle pulse techniques are used during test
maintain Tj as close to Tamb as possible.
2.These parameters, although guaranteed, are not 100% tested in production.
3.Parameter measured at trip point of latch with VPIN 2= 0 .
4.Gain defined as:
5. Adjust VI above the start threshold before setting at 15V.
A=
∆VPIN 1
∆VPIN 3
, 0
≤ VPIN 3 ≤ 0.8V


Similar Part No. - PL3845A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL3845B CYSTEKEC-PL3845B Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
PL3845B CYSTEKEC-PL3845B Datasheet
279Kb / 15P
   High Performance Current Mode PWM Controllers
More results

Similar Description - PL3845A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com