Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL1084-XXXE3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # PL1084-XXXE3
Description  5A Low Dropout Positive Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL1084-XXXE3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  PL1084-XXXE3 Datasheet HTML 1Page - Cystech Electonics Corp. PL1084-XXXE3 Datasheet HTML 2Page - Cystech Electonics Corp. PL1084-XXXE3 Datasheet HTML 3Page - Cystech Electonics Corp. PL1084-XXXE3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C512E3
Issued Date : 2003.03.25
Revised Date :
Page No. : 1/4
PL1084E3
CYStek Product Specification
5A Low Dropout Positive Voltage Regulator
PL1084-XXXE3
Features
Dropout Voltage 1.3V at 5A Output Current.
Fast Transient Response.
Extremely Tight Line and Load Regulation.
Current Limiting and Thermal Protection.
Adjustable Output Voltage or Fixed 1.5V, 2.5V,2.85V,3.0V,3.3V,3.5V,5.0V.
Standard 3-Pin Power Packages.
Description
The PL1084-XXXE3 is a low dropout three terminal regulator with 5A output current capability. The output voltage is
adjustable with the use of a resistor divider or fixed 1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V. Dropout voltage is
guaranteed to be at maximum of 1.2V with the maximum output current. Its low dropout voltage and fast transient response
make it ideal for low voltage microprocessor applications. Current limit and thermal protection provide protection against
any overload condition that would create excessive junction temperatures.
Applications
Mother Board I/O Power Supplies.
Microprocessor Power Supplies.
High Current Regulator.
Post Regulator for Switching Supply.
Typical Application Circuit
TO-220AB
Adjustable Voltage Regulator
Fixed Voltage Regulator
VREF
PL1084-Adj
1
2
Vin=5V
Vout=3.3V
C2
10μF
R1
125Ω
1%
R2
205Ω
1%
C1
10μF
ADJ
3
C2
10μF
C1
10μF
Vout=3.3V
Vin=5V
PL1084-3.3
1
2
3


Similar Part No. - PL1084-XXXE3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
PL1084-XXXJ3 CYSTEKEC-PL1084-XXXJ3 Datasheet
267Kb / 6P
   5A Low Dropout Positive Voltage Regulator
More results

Similar Description - PL1084-XXXE3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
   5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXJ3 CYSTEKEC-PL1084-XXXJ3 Datasheet
267Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
TS1084CM ETC2-TS1084CM Datasheet
146Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_09 Datasheet
278Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084A-XXXF3 CYSTEKEC-PL1084A-XXXF3 Datasheet
293Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084 Datasheet
140Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1084U HSMC-H1084U Datasheet
57Kb / 5P
   5A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com