Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PL384XBP8 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part No. PL384XBP8
Description  High Performance Current Mode PWM Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYSTEKEC [Cystech Electonics Corp.]
Homepage  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL384XBP8 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

Back Button PL384XBP8 Datasheet HTML 2Page - Cystech Electonics Corp. PL384XBP8 Datasheet HTML 3Page - Cystech Electonics Corp. PL384XBP8 Datasheet HTML 4Page - Cystech Electonics Corp. PL384XBP8 Datasheet HTML 5Page - Cystech Electonics Corp. PL384XBP8 Datasheet HTML 6Page - Cystech Electonics Corp. PL384XBP8 Datasheet HTML 7Page - Cystech Electonics Corp. PL384XBP8 Datasheet HTML 8Page - Cystech Electonics Corp. PL384XBP8 Datasheet HTML 9Page - Cystech Electonics Corp. PL384XBP8 Datasheet HTML 10Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C510P8
Issued Date : 2003.04.24
Revised Date :
Page No. : 6/15
PL384XBP8
CYStek Product Specification
Figure 4:Oscillator Discharge Current vs Temperature
7
7.5
8
8.5
9
-50-25
0
25
50
75100
125
Ambient Temperature---TA(℃)
Vi=15V
VOSC=2V
Figure 5:Maximum Output Duty Cycle vs Timing
Resistor
40
50
60
70
80
90
100
0.1
1
10
Timing Resistor---RT(kΩ)
Idischg=7.5mA
Idischg=8.8m
A
Vi=15V
CT=3.3nF
TA=25℃
Figure 6:Error Amp Open-Loop Gain vs Frequency
-20
0
20
40
60
80
100
10
100
1000
10000 100000 100000
0
1E+07
Frequency---f(Hz)
Vi=15V,Vo=2 to 4V
RL=100l,TA=25℃
Figure 7:Error Amp Phase vs Frequency
0
30
60
90
120
150
180
10
100
1000
10000 100000 100000
0
1E+07
Frequency---f(Hz)
Vi=15V,Vo=2 to
4V
RL=100k,TA=25
Figure 8:Current Sense Input Threshold vs Error Amp
Output Voltage
0
0.2
0.4
0.6
0.8
1
1.2
02
468
Error Amp Output Voltage---Vo(V)
Vi=15V
TA=-40℃
TA=25℃
TA=125℃
Figure 9:Reference Short Circuit Current vs Temperature
50
60
70
80
90
100
110
-50
-25
0
25
50
75
100
125
Ambient Temperature---TA(℃)
Vi=15V
RL≦0.1Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn