Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PL384XAQ8 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part No. PL384XAQ8
Description  High Performance Current Mode PWM Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYSTEKEC [Cystech Electonics Corp.]
Homepage  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL384XAQ8 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  PL384XAQ8 Datasheet HTML 1Page - Cystech Electonics Corp. PL384XAQ8 Datasheet HTML 2Page - Cystech Electonics Corp. PL384XAQ8 Datasheet HTML 3Page - Cystech Electonics Corp. PL384XAQ8 Datasheet HTML 4Page - Cystech Electonics Corp. PL384XAQ8 Datasheet HTML 5Page - Cystech Electonics Corp. PL384XAQ8 Datasheet HTML 6Page - Cystech Electonics Corp. PL384XAQ8 Datasheet HTML 7Page - Cystech Electonics Corp. PL384XAQ8 Datasheet HTML 8Page - Cystech Electonics Corp. PL384XAQ8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C510Q8-A
Issued Date : 2003.08.12
Revised Date :
Page No. : 5/15
PL384XAQ8
CYStek Product Specification
Figure 1: Open Loop Test Circuit
8
7
6
5
4
3
2
1
VREF
0.1uF
VI
OUTPUT
GROUND
0.1uF
1W
1k
VI
VREF
OUTPUT
A
RT
2N2222
4.7k
1k
4.7k
100k
5k
COMP
VFB
ISENSE
RT/CT
CT
GROUND
ISENSE
ADJUST
ERROR AMP.
ADJUST
High peak currents associated with capacitive loads necessitate careful grounding techniques. Timing and bypass
capacitors should be connected close to pin 5 in a single point ground. The transistor and 5kΩ potentiometer are
used to sample the oscillator waveform and apply an adjustable ramp to pin 3.
Figure 2:Timing Resistor vs Oscillator Frequency
1
10
100
10
100
1000
Oscillator Frequency---fosc(kHz)
CT=100pF
200pF
500pF
10nF
5nF
2nF
1nF
Vi=15V,TA=25
Figure 3:Output Dead-Time vs Oscillator Frequency
1
10
100
10
100
1000
Oscillator Frequency---fosc(kHz)
CT=200pF
CT=500p
F
CT=1nF
CT=2nF
CT=10nF
CT=5nF
CT=100pF
Vi=15V
TA=25


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn