Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL78M05BJ3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # PL78M05BJ3
Description  Three Terminal Medium Current Positive Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL78M05BJ3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  PL78M05BJ3 Datasheet HTML 1Page - Cystech Electonics Corp. PL78M05BJ3 Datasheet HTML 2Page - Cystech Electonics Corp. PL78M05BJ3 Datasheet HTML 3Page - Cystech Electonics Corp. PL78M05BJ3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C520J3
Issued Date : 2003.04.10
Revised Date :
. .
Page No. : 2/4
PL78M05J3
CYStek Product Specification
Ordering Information
Device
Output Voltage Range
PL78M05AJ3
4.8V〜4.9V
PL78M05BJ3
4.9V〜5.1V
PL78M05CJ3
5.1V〜5.2V
Electrical Characteristics
Vin=10V, Iout=350mA, PD
≤5W,0°C≤Tj≤125°C, Cin=0.33uF, Cout=0.1uF (unless otherwise noted)
PL78M05A
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
4.80
-
4.90
Vo
Output Voltage
5mA
≤Io≤350mA and
7V
≤Vin≤20V
4.75
-
5.25
V
Tj=25
°C, 7V≤Vin≤25V
-
3
100
∆Vo
Line Regulation
Tj=25
°C, 8V≤Vin≤25V
-
-
50
mV
Tj=25
°C, 5mA≤Io≤500mA
-
15
100
∆Vo
Load Regulation
Tj=25
°C, 5mA≤Io≤200mA
-
-
50
mV
IQ
Quiescent Current
Tj=25
°C
-
3.2
6
mA
5mA
≤Io≤350mA
-
-
0.5
∆IQ
Quiescent Current
Change
8V
≤Vin≤25V,Io=200mA
-
-
0.8
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤10KHz
-
40
100
uV
RR
Ripple Rejection
8V
≤Vin≤18V,Io=300mA,
f=120Hz
62
78
-
dB
VD
Dropout Voltage
Tj=25
°C,Io=500mA
-
2
-
V
IOS
Output Short Circuit
Current
Tj=25℃,Vin=35V
300
mA
IMAX
Peak Output Current
Tj=25℃
700
mA
TCVo
Temperature Coefficient of
Output Voltage
Io=5mA
-1.1
mV/℃


Similar Part No. - PL78M05BJ3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL78M05BA3 CYSTEKEC-PL78M05BA3 Datasheet
154Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05BT3 CYSTEKEC-PL78M05BT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
More results

Similar Description - PL78M05BJ3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL78M05XA3 CYSTEKEC-PL78M05XA3 Datasheet
154Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05L3 CYSTEKEC-LM78M05L3 Datasheet
255Kb / 6P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05XA3 CYSTEKEC-LM78M05XA3 Datasheet
169Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com