Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL78L08XA3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # PL78L08XA3
Description  Three Terminal Low Current Positive Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL78L08XA3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  PL78L08XA3 Datasheet HTML 1Page - Cystech Electonics Corp. PL78L08XA3 Datasheet HTML 2Page - Cystech Electonics Corp. PL78L08XA3 Datasheet HTML 3Page - Cystech Electonics Corp. PL78L08XA3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C517A3
Issued Date : 2003.03.26
Revised Date :
. .
Page No. : 2/4
PL78L08A3
CYStek Product Specification
Ordering Information
Device
Output Voltage Tolerance
PL78L08AA3
3%
PL78L08BA3
5%
Electrical Characteristics
Vin=14V, Iout=40mA, 0
°C≤Tj≤125°C, Cin=0.33uF, Cout=0.1uF (unless otherwise noted)
PL78L08A
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
7.76
8
8.24
1mA
≤Io≤70mA
7.76
-
8.24
Vo
Output Voltage
1mA
≤Io≤40mA and
10.5V
≤Vin≤23V
7.76
-
8.24
V
Tj=25
°C, 10.5V≤Vin≤23V
-
80
175
∆Vo
Line Regulation
Tj=25
°C, 11V≤Vin≤23V
-
70
125
mV
Tj=25
°C, 1mA≤Io≤40mA
-
8
40
∆Vo
Load Regulation
Tj=25
°C, 1mA≤Io≤100mA
-
15
80
mV
IQ
Quiescent Current
Tj=25
°C
-
2
5.5
mA
1mA
≤Io≤40mA
-
-
0.1
∆IQ
Quiescent Current
Change
11V
≤Vin≤23V
-
-
1.5
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤10KHz
-
60
-
uV
∆Vin / ∆Vout Ripple Rejection
11V
≤Vin≤21V, f=120Hz
39
45
-
dB
Isc
Peak Output /
Short Circuit Current
Tj=25
°C
-
140
-
mA
VD
Dropout Voltage
Tj=25
°C
-
1.7
-
V
PL78L08B
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
7.7
8
8.3
1mA
≤Io≤70mA
7.6
-
8.4
Vo
Output Voltage
1mA
≤Io≤40mA and
10.5V
≤Vin≤23V
7.6
-
8.4
V
Tj=25
°C, 10.5V≤Vin≤23V
-
80
175
∆Vo
Line Regulation
Tj=25
°C, 11V≤Vin≤23V
-
70
125
mV
Tj=25
°C, 1mA≤Io≤40mA
-
8
40
∆Vo
Load Regulation
Tj=25
°C, 1mA≤Io≤100mA
-
15
80
mV
IQ
Quiescent Current
Tj=25
°C
-
2
5.5
mA
1mA
≤Io≤40mA
-
-
0.1
∆IQ
Quiescent Current
Change
11V
≤Vin≤23V
-
-
1.5
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤10KHz
-
60
-
uV
∆Vin / ∆Vout Ripple Rejection
11V
≤Vin≤21V, f=120Hz
39
45
-
dB
Isc
Peak Output /
Short Circuit Current
Tj=25
°C
-
140
-
mA
VD
Dropout Voltage
Tj=25
°C
-
1.7
-
V


Similar Part No. - PL78L08XA3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
More results

Similar Description - PL78L08XA3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Motorola, Inc
MC78L00 MOTOROLA-MC78L00 Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78L09XA3 CYSTEKEC-PL78L09XA3 Datasheet
151Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com