Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PL78L06XA3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part No. PL78L06XA3
Description  Three Terminal Low Current Positive Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYSTEKEC [Cystech Electonics Corp.]
Homepage  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL78L06XA3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  PL78L06XA3 Datasheet HTML 1Page - Cystech Electonics Corp. PL78L06XA3 Datasheet HTML 2Page - Cystech Electonics Corp. PL78L06XA3 Datasheet HTML 3Page - Cystech Electonics Corp. PL78L06XA3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C516A3
Issued Date : 2003.03.26
Revised Date :
. .
Page No. : 2/4
PL78L06A3
CYStek Product Specification
Ordering Information
Device
Output Voltage Tolerance
PL78L06AA3
3%
PL78L06BA3
5%
Electrical Characteristics
Vin=11V, Iout=40mA, 0
°C≤Tj≤125°C, Cin=0.33uF, Cout=0.1uF (unless otherwise noted)
PL78L06A
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
5.82
6
6.18
1mA
≤Io≤70mA
5.82
-
6.18
Vo
Output Voltage
1mA
≤Io≤40mA and
8V
≤Vin≤21V
5.82
-
6.18
V
Tj=25
°C, 8V≤Vin≤21V
-
65
175
∆Vo
Line Regulation
Tj=25
°C, 9V≤Vin≤21V
-
55
125
mV
Tj=25
°C, 1mA≤Io≤40mA
-
6
40
∆Vo
Load Regulation
Tj=25
°C, 1mA≤Io≤100mA
-
13
80
mV
IQ
Quiescent Current
Tj=25
°C
-
-
5.5
mA
1mA
≤Io≤40mA
-
-
0.1
∆IQ
Quiescent Current
Change
9V
≤Vin≤21V
-
-
1.5
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤10KHz
-
45
-
uV
∆Vin / ∆Vout Ripple Rejection
9V
≤Vin≤18V, f=120Hz
44
59
-
dB
Isc
Peak Output /
Short Circuit Current
Tj=25
°C
-
140
-
mA
VD
Dropout Voltage
Tj=25
°C
-
1.7
-
V
PL78L06B
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
5.75
6
6.25
1mA
≤Io≤70mA
5.7
-
6.3
Vo
Output Voltage
1mA
≤Io≤40mA and
8V
≤Vin≤21V
5.7
-
6.3
V
Tj=25
°C, 8V≤Vin≤21V
-
65
175
∆Vo
Line Regulation
Tj=25
°C, 9V≤Vin≤21V
-
55
125
mV
Tj=25
°C, 1mA≤Io≤40mA
-
6
40
∆Vo
Load Regulation
Tj=25
°C, 1mA≤Io≤100mA
-
13
80
mV
IQ
Quiescent Current
Tj=25
°C
-
-
5.5
mA
1mA
≤Io≤40mA
-
-
0.1
∆IQ
Quiescent Current
Change
9V
≤Vin≤21V
-
-
1.5
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤10KHz
-
45
-
uV
∆Vin / ∆Vout Ripple Rejection
9V
≤Vin≤18V, f=120Hz
44
59
-
dB
Isc
Peak Output /
Short Circuit Current
Tj=25
°C
-
140
-
mA
VD
Dropout Voltage
Tj=25
°C
-
1.7
-
V


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn