Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PL78L06XA3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part No. PL78L06XA3
Description  Three Terminal Low Current Positive Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYSTEKEC [Cystech Electonics Corp.]
Homepage  http://www.cystekec.com
Logo 

PL78L06XA3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C516A3
Issued Date : 2003.03.26
Revised Date :
. .
Page No. : 1/4
PL78L06A3
CYStek Product Specification
Three Terminal Low Current Positive Voltage Regulators
PL78L06XA3
Description
These regulators employ internal current-limiting and thermal-shutdown,
making them essentially indestructible. They can deliver up to 100mA
output current. if the case temperature can keep in Tc=25
°C.
They are intended as fixed voltage regulators in a wide range of appli-
cations including local (on-card) regulation for elimination of noise and
distribution problems associated with single-point regulation. In addition,
they can be used with power pass elements to make high-current
voltage regulators. The PL78L06 used as a Zener diode/resistor com-
bination replacement, offers an effective output impedance improvement
of typically two orders of magnitude, along with lower quiescent current
and lower noise.
Absolute Maximum Ratings (Ta=25°C)
• Input Voltage………………………………………………………………………………………………. 35 V
• Total Power Dissipation……………………………………………………………………. Internally limited
• Operating Temperature Range……………………………………………………………. 0 °C to +125 °C
• Maximum Junction Temperature………………………………………………………………………125 °C
• Storage Temperature Range………………………………………………………………-55 °C to +150 °C
• Lead Temperature (Soldering 10S)……………………………….. ……………………………...260
°C
Schematic Diagram
Typical Application
TO-92
1.9k
Gnd
576
3.41k
3.89k
7.8k
13k
2.84k
5.7k
100
100
Vin
Vout
2.23k
1.5k
5k
5p
PL78L06
Vout
Vin
C1
C2
Note:
C1 and C2 are required if regulator is
located far from power supply filter
and load, or oscillation may induced
on the loop.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn