Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSP-500-12 Datasheet(PDF) 5 Page - Total Power International

Part # PSP-500-12
Description  500W with PFC and Parallel Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

PSP-500-12 Datasheet(HTML) 5 Page - Total Power International

  PSP-500-12 Datasheet HTML 1Page - Total Power International PSP-500-12 Datasheet HTML 2Page - Total Power International PSP-500-12 Datasheet HTML 3Page - Total Power International PSP-500-12 Datasheet HTML 4Page - Total Power International PSP-500-12 Datasheet HTML 5Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Mechanical Specification
Derating Curve
Output Derating VS Input Voltage
Unit:mm
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
90
115
135
176
230
264
100
90
80
70
60
50
40
-10
0102030405060
20
40
60
80
100
12 ~ 48V
5V
With 30CFM forced air
AC Input Terminal Pin. No. Assignment
Pin No.
1
3
2
Assignment
FG
AC/N
AC/L
DC Output Terminal Pin. No Assignment
Pin No.
1~3
4~6
Assignment
DC OUTPUT +V
DC OUTPUT -V
5
Air flow
direction
1
1 2
CN1
CN2
1
7
250
I/P
I/P
153
87
3
2
1
10A/250V
2
3
4
6
5
FS1
SVR2
SVR1
Vo ADJ.
Io ADJ.
Connector
(CN1) : JST B2B-XH or equivalent
Pin. No. Assignment
Connector
(CN2) : JST B7B-XH or equivalent
Pin. No. Assignment
Pin No.
Pin No.
Pin No.
1
15
2
26
37
4
Assignment
Assignment
Assignment
GND
P(Current share)
Power fail signal
+S
RC+
-S
RC-
GND
+12V
Mating Housing
Mating Housing
JST XHP
JST XHP
or equivalent
or equivalent
Terminal
Terminal
JST SXH-001T-P0.6
JST SXH-001T-P0.6
or equivalent
or equivalent
500W with PFC and Parallel Function
PSP-500-P series


Similar Part No. - PSP-500-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PSP-500-12 ASTRODYNE-PSP-500-12 Datasheet
461Kb / 3P
   500W with PFC and Parallel Function
logo
Mean Well Enterprises C...
PSP-500-12 MEANWELL-PSP-500-12 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
logo
RSG Electronic Componen...
PSP-500-12 RSG-PSP-500-12 Datasheet
286Kb / 5P
   500W with PFC and Parallel Function
More results

Similar Description - PSP-500-12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PSP-500 RSG-PSP-500 Datasheet
286Kb / 5P
   500W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP-500 ASTRODYNE-PSP-500 Datasheet
461Kb / 3P
   500W with PFC and Parallel Function
logo
Mean Well Enterprises C...
SP-500 MEANWELL-SP-500 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
PSP-500 MEANWELL-PSP-500 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500 Datasheet
324Kb / 4P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500_10 Datasheet
326Kb / 4P
   500W Single Output with PFC Function
SP-500_1111 MEANWELL-SP-500_1111 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
logo
Total Power Internation...
SP-500 TOTAL-POWER-SP-500 Datasheet
382Kb / 2P
   500W Single Output with PFC Function
logo
Astrodyne Corporation
SP-500 ASTRODYNE-SP-500 Datasheet
335Kb / 2P
   500W Single Output with PFC Function
logo
Mean Well Enterprises C...
RSP-500 MEANWELL-RSP-500 Datasheet
558Kb / 3P
   500W Single Output with PFC Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com