Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSU300-T050MI Datasheet(PDF) 2 Page - Total Power International

Part # HSU300-T050MI
Description  DUAL SELECTABLE AC INPUT AC-DC 19 COMPATIBLE DOUBLE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

HSU300-T050MI Datasheet(HTML) 2 Page - Total Power International

  HSU300-T050MI Datasheet HTML 1Page - Total Power International HSU300-T050MI Datasheet HTML 2Page - Total Power International HSU300-T050MI Datasheet HTML 3Page - Total Power International HSU300-T050MI Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
HSU250 Series
TRIPLE OUTPUT
MAIN VO1
@#
MAIN VO2 @
MAIN VO3 @
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
HSU250-T050II
(HSU250-32)
25.0A
5.0V
30A
5.0A
12.0V
10A
5.0A
12.0V
10A
HSU250-T050KK
25.0A
5.0V
30A
4.0A
15.0V
8A
4.0A
15.0V
8A
HSU250-T050MI
25.0A
5.0V
30A
2.5A
24.0V
5A
5.0A
12.0V
10A
HSU250-T033II
35.0A
3.3V
40A
5.0A
12.0V
10A
5.0A
12.0V
10A
HSU250-T033EI
35.0A
3.3V
40A
12.0A
5.0V
20A
5.0A
12.0V
10A
HSU250-T050DI
25.0A
5.0V
30A
15.0A
3.3V
20A
5.0A
12.0V
10A
Symbol: " " OVP built-in. "@" Adjustable. "#" Remote sensing.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HSU250 2.54kg (5.60 lb.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
AC INPUT
TRIPLE OUTPUT
ASSORTED SIGNAL
ASSIGNMENT AC-L AC-N AC-G
+VO1
+VO2
-VO3 DC COM
NC
S(+)
S(-)
SYS
Reset
AC
Fail
HSU250-T
P1-28 P1-30 P1-32 P2-4,6,8,10,12 P2-28,30 P2-16
P2-18,20,22
24,26
P1-8,10,12,24,16,18
20,22,24,26
P2-14
P2-32
P1-6
P1-4
Mating connector: DIN41612-H15 Female


Similar Part No. - HSU300-T050MI

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HSU300-T050MI HITRON-HSU300-T050MI Datasheet
230Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 300 WATTS SWITCHING MODE POWER SUPPLIES
More results

Similar Description - HSU300-T050MI

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSU-60 TOTAL-POWER-TPSU-60 Datasheet
437Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
TPSU-100 TOTAL-POWER-TPSU-100 Datasheet
437Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
TPSU45-60-100 TOTAL-POWER-TPSU45-60-100 Datasheet
437Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
TPSU-45 TOTAL-POWER-TPSU-45 Datasheet
437Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
logo
HITRON ELECTRONICS CORP...
HSU360 HITRON-HSU360 Datasheet
318Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 360 WATTS SWITCHING MODE POWER SUPPLIES
HSU300 HITRON-HSU300 Datasheet
230Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 300 WATTS SWITCHING MODE POWER SUPPLIES
HSU393 HITRON-HSU393 Datasheet
584Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES
logo
Total Power Internation...
TPSU-160 TOTAL-POWER-TPSU-160 Datasheet
287Kb / 2P
   AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE EUROCARD
HSU393 TOTAL-POWER-HSU393 Datasheet
483Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HSU393 SERIES
logo
HITRON ELECTRONICS CORP...
HSU45 HITRON-HSU45 Datasheet
341Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com