Electronic Components Datasheet Search |
|
HSU45-24 Datasheet(PDF) 1 Page - Total Power International |
|
HSU45-24 Datasheet(HTML) 1 Page - Total Power International |
1 / 4 page DUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19" COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 & HSU100 SERIES FEATURES: DUAL INPUT RANGE USER SELECTABLE 19" COMPATIBLE EUROCARD FORMAT MEET THE SAFETY STANDARDS EMI MEET CISPR PUB.22 & FCC CLASS B CE MARKING COMPLIANCE HSU45 6TE x 3U x 160MM VMEbus STANDARD HSU60 8TE x 3U x 160MM VMEbus STANDARD HSU100 10TE x 3U x 160MM VMEbus STANDARD SPECIFICATION INPUT SPECIFICATION Input Voltage: 115Vac/230Vac dual selectable. Input Connector: DIN 41612 at rear. Input Frequency: 47-63Hz. Inrush Current: Typ.25A @230Vac. Input Current: HSU45 0.88A@115Vac/0.44A@230Vac. Use T2.0A/250Vac fuse. HSU60 1.2A@115Vac/0.7A@230Vac. Use T2.5A/250Vac fuse. HSU100 2.2A@115Vac/1.2A@230Vac. Use T3.15A/250Vac fuse. Dielectric Withstand: Meet IEC950. EMI: Meet CISPR PUB.22 or FCC Class B. Power Fail Signal: Installed. Remote (Logic) Inhibit: Available. Hold-up Time: Typ. 20mS @115Vac/50mS @230Vac. Earth leakage: Typ. 0.3mA @230Vac. Overload Protection (OLP): Fully protected against output overload and short circuit. Consult the factory for OLP setting. OUTPUT SPECIFICATION Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: Typ. 45 Watts for HSU45. Typ. 60 Watts for HSU60. Typ. 100 Watts for HSU100. Output Connector: DIN 41612 at rear. Line Regulation: Typ. 0.4%. Load Regulation: Main VO1 typ. ±1.0%. Aux. VO2 typ. ±2-3.0% (PR). ±2.0% (Mag. Amp.) Aux. VO3 typ. ±2-3.0% (PR). Aux. VO4 typ. ±2-3.0% (PR). Noise & Ripple: Typ. 1% peak to peak. OVP: Built-in at main VO1 (latch). Adjustability: Available at main output VO1 and Aux. output VO2 (Mag. Amp.). Remote Sense: Installed in main VO1. GENERAL SPECIFICATION Efficiency: Typ. 70-75%. Switching Frequency: Typ. 100K Hz. Circuit Topology: Forward circuit. Transient Response: Output voltage returns in less than 3mS following a 25% load change. Safety Standard: IEC950/UL1950. Power Density: 1.4 Watt / Cubic Inch for HSU45 & HSU60. 1.9 Watt / Cubic Inch for HSU100. Operating Temperature: 0 to +50°C at full load. Derate linearly to +70°C at half load. Storage Temperature: -20 to +85°C. Temperature Coefficient: Typ. 0.04%/°C. Cooling: Free air convection cooling. Construction format: 6,8,10TEx3Ux160mm 19” compatible Eurocard VMEbus standard. Note: All measurements are at nominal input, full load, and +40°C unless otherwise specified. TOTAL POWER INT'L TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395 Email: sales@total-power.com http://www.total-power.com -1- |
Similar Part No. - HSU45-24 |
|
Similar Description - HSU45-24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |