Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVP101 Datasheet(PDF) 1 Page - Total Power International

Part No. HVP101
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTIPLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES HVP101 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOTAL-POWER [Total Power International]
Homepage  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

HVP101 Datasheet(HTML) 1 Page - Total Power International

  HVP101 Datasheet HTML 1Page - Total Power International HVP101 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-49-
H HiTRON
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC
OPEN FRAME SINGLE & MULTIPLE OUTPUT 100 WATTS
INTERNAL SWITCHING POWER SUPPLIES HVP101 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
PCB VERSION FORMAT
MEET IEC1000-3-2 HARMONIC CORRECTION
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: Typ. 75-80%.
Switching Frequency: PFC ckt. 75K Hz.
PWM ckt. 170-180K Hz.
Circuit Topology: Fixed frequency forward circuit.
Transient Response: Output voltage returns in
less than 0.3mS following
a 25% load change.
Safety Standard: IEC950/UL1950 Class I.
Operating Temperature: 0 to +50°C under forced air
flow for full load.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04% /°C.
Cooling: At least 30 cfm direct forward air flow is
required to achieve full rating power.
Construction: PCB format.
Power Density: 5.6 Watts / Cubic Inch.
In application
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC.
Input Connector: V-M connector & GND tag.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 29A@230Vac.
Input Current: Typ. 1.3A @115Vac, 0.65A @230Vac.
Dielectric Withstand: Meet IEC950.
EMI: Meet CISPR EN55022 B & FCC Class B.
Hold-up Time: Typ. 18-25mS @ 115Vac & 230Vac.
Power Factor & Harmonic Correction:
Meet IEC1000-3-2, PF typ. 0.97-0.99 @ full load.
Power OK: Installed in VO1 & VO2.
Over Temperature Protection (OTP): By NTC at quad
output only.
Earth Leakage: Less than 0.75mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: V-M connector.
Output Wattage: Typ. 100 Watts.
Line Regulation: Typ. 0.1%.
Load Regulation: Main VO1 typ. ±1-2%.
Aux. VO2 typ. ±1-2% (Magnetic Amp.).
Aux. VO3 typ. ±1-2% (Magnetic Amp.).
Aux. VO4 typ. ±2-3% (P.R.).
Noise & Ripple: Typ. 1% peak to peak.
OVP: Built-in at main VO1 & Aux.VO2 & VO3 (latch).
Remote Sensing: Available at VO1 & VO2.
Adjustability: Available at VO1,VO2 & VO3.
Over Current Protection: Built-in at all output.
Overload Protection (OLP): Fully protected against
output overload and short circuit at any output.
Consult the factory for OLP setting.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPVP103UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES 1 2 Total Power International
TPVP93UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTIPLE OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP93 SERIES 1 2 Total Power International
TPVI12UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI12 SERIES 1 2 Total Power International
TPVI13UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 13-15 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI13 SERIES 1 2 Total Power International
HPU100-S033250UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19 COMPATIBLE EUROCARD 100 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HPU100 SERIES 1 2 Total Power International
TPVI20UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 10-25 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI20 SERIES 1 2 Total Power International
TPVI10UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE AND DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI10 SERIES 1 2 Total Power International
TPVI14UNIVERSAL INPUT AC-DC PCB OPEN FRAME QUAD OUTPUT 14 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI14 SERIES 1 2 Total Power International
TPVI17UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 17-18 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI17 SERIES 1 2 Total Power International
HPU60UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19 COMPATIBLE EUROCARD 60 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HPU60 SERIES 1 2 Total Power International

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn