Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HDU45 Datasheet(PDF) 2 Page - Total Power International

Part No. HDU45
Description  DC-DC CONVERTER 19 COMPATIBLE EUROCARD MULTIPLEV OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES HDU45, HDU60 AND HDU100 SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOTAL-POWER [Total Power International]
Homepage  http://www.total-power.com
Logo 

HDU45 Datasheet(HTML) 2 Page - Total Power International

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
HDU45 Series
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HDU45 537.0g (18.94 Oz.)
SINGLE OUTPUT
INPUT RANGE
OUTPUT VO1
@◇
MODEL NO.
Vdc
Typ.
Volt.
HDU45-A or B or C-S033
A: 9-18,B: 18-36,C: 36-72
10.0A
3.3V
HDU45-A or B or C-10
A: 9-18,B: 18-36,C: 36-72
9.0A
5.0V
HDU45-A or B or C-11
A: 9-18,B: 18-36,C: 36-72
4.0A
12.0V
HDU45-A or B or C-12
A: 9-18,B: 18-36,C: 36-72
3.0A
15.0V
HDU45-A or B or C-13
A: 9-18,B: 18-36,C: 36-72
2.0A
24.0V
DUAL OUTPUT
INPUT RANGE
OUTPUT VO1
@◇ OUTPUT VO2 ●◇■
MODEL NO.
Vdc
Typ.
Volt.
Typ.
Volt.
HDU45-A or B or C-D033E
A: 9-18,B: 18-36,C: 36-72
5.0A
3.3V
4.0A
5.0V
HDU45-A or B or C-D033I
A: 9-18,B: 18-36,C: 36-72
5.0A
3.3V
2.0A
12.0V
HDU45-A or B or C-20
A: 9-18,B: 18-36,C: 36-72
4.0A
5.0V
2.0A
12.0V
HDU45-A or B or C-21
A: 9-18,B: 18-36,C: 36-72
2.0A
12.0V
2.0A
12.0V
HDU45-A or B or C-23
A: 9-18,B: 18-36,C: 36-72
1.5A
15.0V
1.5A
15.0V
HDU45-A or B or C-24
A: 9-18,B: 18-36,C: 36-72
4.0A
5.0V
1.0A
24.0V
HDU45-A or B or C-25
A: 9-18,B: 18-36,C: 36-72
1.0A
24.0V
1.0A
24.0V
TRIPLE OUTPUT
INPUT RANGE
OUTPUT VO1
@◇ OUTPUT VO2 ●◇■
OUTPUT VO3 ●◇■
MDEL NO.
Vdc
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HDU45-A or B or C-T033EI A: 9-18,B: 18-36,C: 36-72
5.0A
3.3V
4.0A
5.0V
0.50A
12.0V
HDU45-A or B or C-T033IM A: 9-18,B: 18-36,C: 36-72
5.0A
3.3V
2.0A
12.0V
0.25A
24.0V
HDU45-A or B or C-30
A: 9-18,B: 18-36,C: 36-72
3.0A
5.0V
2.0A
12.0V
0.50A
5.0V
HDU45-A or B or C-31
A: 9-18,B: 18-36,C: 36-72
3.0A
5.0V
2.0A
15.0V
0.50A
15.0V
HDU45-A or B or C-32
A: 9-18,B: 18-36,C: 36-72
3.0A
5.0V
2.0A
12.0V
0.50A
12.0V
HDU45-A or B or C-33
A: 9-18,B: 18-36,C: 36-72
3.0A
5.0V
1.0A
24.0V
0.50A
12.0V
Symbol: " "OVP built-in. "@"Adjustable. "●" Installed with Post Regulator. "■" Couple filter inductor. "◇" Floating ( or isolated) output.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
DC INPUT
SINGLE/DUAL/TRIPLE OUTPUT
ASSORTED SIGNAL
ASSIGNMENT +Vin
-Vin
G
+VO1
-VO1
+VO2
-VO2
+VO3
-VO3
NC
LOG.
INH.
+S
-S
POWER
FAIL
HDU45-1X
28
30
32
4,6
12,14
-
-
-
-
16,18,24,26
20
8
10
22
HDU45-2X
28
30
32
4
6
8
10
-
-
12,14,16,18,24,26
20
-
-
22
HDU45-3X
28
30
32
4,6,
8,10
12
14
16
18
24,26
20
-
-
22
Mating connector: DIN41612-H15 Female
HDU45
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HDU200DC-DC CONVERTER 19” COMPATIBLE EUROCARD TRIPLE OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES HDU200 SERIES 1 2 Total Power International
HSU393DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HSU393 SERIES 1 2 Total Power International
HPU60UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19 COMPATIBLE EUROCARD 60 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HPU60 SERIES 1 2 Total Power International
HSU45DUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45 HSU60 AND HSU100 SERIES 1 2 3 4 Total Power International
HPU100-S033250UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19 COMPATIBLE EUROCARD 100 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HPU100 SERIES 1 2 Total Power International
TPDC200P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPDC200P-48B SERIES 1 2 Total Power International
TPDC250P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC250P-48B SERIES 1 2 Total Power International
TPDC300P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC300P-48B SERIES 1 2 Total Power International
TPDC400P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC400P-48B SERIES 1 2 Total Power International
HSU160AUTO-RANGING AC INPUT AC-DC SINGLE OUTPUT 160 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU160 SERIES 1 2 Total Power International

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn