Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVCH2T45DCURE4 Datasheet(PDF) 17 Page - Texas Instruments

Part # 74AVCH2T45DCURE4
Description  DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AVCH2T45DCURE4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button 74AVCH2T45DCURE4 Datasheet HTML 13Page - Texas Instruments 74AVCH2T45DCURE4 Datasheet HTML 14Page - Texas Instruments 74AVCH2T45DCURE4 Datasheet HTML 15Page - Texas Instruments 74AVCH2T45DCURE4 Datasheet HTML 16Page - Texas Instruments 74AVCH2T45DCURE4 Datasheet HTML 17Page - Texas Instruments 74AVCH2T45DCURE4 Datasheet HTML 18Page - Texas Instruments 74AVCH2T45DCURE4 Datasheet HTML 19Page - Texas Instruments 74AVCH2T45DCURE4 Datasheet HTML 20Page - Texas Instruments 74AVCH2T45DCURE4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
www.ti.com
APPLICATION INFORMATION
VCC1
VCC1
VCC2
SYSTEM-1
SYSTEM-2
1
2
3
4
8
7
6
5
DIR CTRL
I/O-1
VCC2
I/O-2
Enable Times
SN74AVCH2T45
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES582D – JULY 2004 – REVISED AUGUST 2005
Figure 13 shows the SN74AVCH2T45 used in a bidirectional logic level-shifting application. Since the
SN74AVCH2T45 does not have an output-enable (OE) pin, system designers should take precautions to avoid
bus contention between SYSTEM-1 and SYSTEM-2 when changing directions.
Figure 13. Bidirectional Logic Level-Shifting Application
Following is a sequence that shows data transmission from SYSTEM-1 to SYSTEM-2 and then from SYSTEM-2
to SYSTEM-1.
STATE
DIR CTRL
I/O-1
I/O-2
DESCRIPTION
1
H
Out
In
SYSTEM-1 data to SYSTEM-2
SYSTEM-2 is getting ready to send data to SYSTEM-1. I/O-1 and I/O-2
2
H
Hi-Z
Hi-Z
are disabled.
The bus-line state depends on bus hold.
DIR bit is flipped. I/O-1 and I/O-2 still are disabled.
3
L
Hi-Z
Hi-Z
The bus-line state depends on bus hold.
4
L
Out
In
SYSTEM-2 data to SYSTEM-1
Calculate the enable times for the SN74AVCH2T45 using the following formulas:
tPZH (DIR to A) = tPLZ (DIR to B) + tPLH (B to A)
tPZL (DIR to A) = tPHZ (DIR to B) + tPHL (B to A)
tPZH (DIR to B) = tPLZ (DIR to A) + tPLH (A to B)
tPZL (DIR to B) = tPHZ (DIR to A) + tPHL (A to B)
In a bidirectional application, these enable times provide the maximum delay from the time the DIR bit is
switched until an output is expected. For example, if the SN74AVCH2T45 initially is transmitting from A to B, the
DIR bit is switched; the B port of the device must be disabled before presenting it with an input. After the B port
has been disabled, an input signal applied to it appears on the corresponding A port after the specified
propagation delay.
17


Similar Part No. - 74AVCH2T45DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVCH2T45DCURE4 TI-74AVCH2T45DCURE4 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - 74AVCH2T45DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
427Kb / 22P
[Old version datasheet]   DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_08 Datasheet
628Kb / 26P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245_10 Datasheet
496Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
395Kb / 14P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com