Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT4124 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GT4124
Description  GT4124 Video Multiplier with Strobed DC Restore
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GT4124 Datasheet(HTML) 4 Page - Gennum Corporation

  GT4124 Datasheet HTML 1Page - Gennum Corporation GT4124 Datasheet HTML 2Page - Gennum Corporation GT4124 Datasheet HTML 3Page - Gennum Corporation GT4124 Datasheet HTML 4Page - Gennum Corporation GT4124 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
520 - 59 - 2
* Capacitor C5 required if the
control voltage is from a power
supply.
All resistors in ohms, all capacitors
in F unless otherwise stated.
Fig. 1 Test Circuit
-5V
+5V
GT4124
CONTROL
OFFSET
RV2
100
C3
0.1
Z1
6.2V
R3
1k
RV1
200
R2
1k
10nF
R1
560
(0.5V)
R4
5.6k
50%
GAIN
1
4
3
17
18
19
20
+10V
-10V
-VS
GND
COMP
COS1
BOS2
6
5
7
15
16
14
+IN B
S1
-IN B
-IN A
9
8
10
12
13
S 2
VREF
+IN A
11
-10V
C5
47
C1
0.1
5 - 25pF
CCOMP
1k
RV4
VREF
ADJUST
RV3
SPAN
ADJUST
C5
0.1
+VS
COS2
VC
REXT
CLREF
+
CLSIG
STROBE
2
CHOLD
C6
0.1
B VIDEO INPUT
CONTROL INPUT
75
if required
C7
0.1
A VIDEO INPUT
75
if required
75
if required
IC2
CLC110
1
4
5
8
VIDEO OUT
STROBE
0.1
1k
47
+
*
Fig. 2 Gain vs Frequency
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
2.5
3.0
1
100
1
50
1
10
100
FREQUENCY (MHz)
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
1
10
50
FREQUENCY (MHz)
TYPICAL PERFORMANCE CURVES
(unless otherwise shown V
S
=
±10V)
CH - B
V
IN
= 1 V p-p
CH - A
Fig. 3 Full Power Bandwidth
V
IN
= 150 mVp-p


Similar Part No. - GT4124

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GT412 MALLORY-GT412 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Gennum Corporation
GT4122 GENNUM-GT4122 Datasheet
131Kb / 5P
   GT4122 Video Multiplier
GT4122-CDF GENNUM-GT4122-CDF Datasheet
131Kb / 5P
   GT4122 Video Multiplier
GT4122-CKF GENNUM-GT4122-CKF Datasheet
131Kb / 5P
   GT4122 Video Multiplier
GT4123 GENNUM-GT4123 Datasheet
150Kb / 7P
   Two Channel Video Multipliers
More results

Similar Description - GT4124

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
   Video Buffer with Strobed DC Restore
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
   500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
logo
Fairchild Semiconductor
AN-6024 FAIRCHILD-AN-6024 Datasheet
121Kb / 6P
   Understanding Analog Video Signal Clamps, Bias, DC-Restore, and AC or DC Coupling Methods
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com