Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090A Datasheet(PDF) 55 Page - Gennum Corporation

Part # GS9090A
Description  GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090A Datasheet(HTML) 55 Page - Gennum Corporation

Back Button GS9090A Datasheet HTML 51Page - Gennum Corporation GS9090A Datasheet HTML 52Page - Gennum Corporation GS9090A Datasheet HTML 53Page - Gennum Corporation GS9090A Datasheet HTML 54Page - Gennum Corporation GS9090A Datasheet HTML 55Page - Gennum Corporation GS9090A Datasheet HTML 56Page - Gennum Corporation GS9090A Datasheet HTML 57Page - Gennum Corporation GS9090A Datasheet HTML 58Page - Gennum Corporation GS9090A Datasheet HTML 59Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
GS9090A Preliminary Data Sheet
Proprietary and Confidential
34714 - 0
February 2006
55 of 69
3.11.2 Parallel Output in SMPTE Mode
When the device is operating in SMPTE mode (see SMPTE Functionality on
page 24), SD data is presented to the output bus in multiplexed format. The data
will be output on the DOUT[9:0] pins and word aligned according to TRS ID words.
3.11.3 Parallel Output in DVB-ASI Mode
When operating in DVB-ASI mode (see DVB-ASI Functionality on page 27), the
extracted 8-bit data words will be presented on DOUT[7:0] such that DOUT7 =
HOUT is the most significant bit of the decoded transport stream data and DOUT0
= AOUT is the least significant bit.
In addition, DOUT9 and DOUT8 will be configured as the DVB-ASI status signals
WORDERR and SYNCOUT respectively. See Status Signal Outputs on page 28
for a description of these DVB-ASI specific output signals.
3.11.4 Parallel Output in Data-Through Mode
When operating in Data-Through mode (see Data-Through functionality on
page 28), the GS9090A presents data to the output data bus without performing
any decoding, descrambling, or word-alignment.
As described in Data-Through functionality on page 28, the data bus outputs will
be forced to logic LOW if the device is set to operate in Auto mode but cannot
identify SMPTE TRS ID or DVB-ASI sync words in the input data stream.
3.12 Programmable Multi-Function Outputs
The GS9090A has a multi-function output port that uses 4 pins, STAT0 through
STAT3. Each pin can be programmed via the host interface to output one of the
following signals: H, V, F, FIFO_LD, ANC_DETECT, EDH_DETECT, FIFO_FULL,
and FIFO_EMPTY.
Table 3-17: Output Signals Available on Multi-Function Output Ports
Output Status Signal
Reference
H
HVF Timing Signal Generation on page 26
V
HVF Timing Signal Generation on page 26
F
HVF Timing Signal Generation on page 26
FIFO_LD
FIFO Load Pulse on page 28
ANC_DETECT
Ancillary Data Detection and Indication on
page 29
EDH_DETECT
EDH Packet Detection on page 31
FIFO_FULL
Reading From the FIFO on page 47
FIFO_EMPTY
Reading From the FIFO on page 47


Similar Part No. - GS9090A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090ACNE3 GENNUM-GS9090ACNE3 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
More results

Similar Description - GS9090A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090B GENNUM-GS9090B Datasheet
1Mb / 71P
   GenLINX짰 III 270Mb/s Deserializer for SDI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com