![]() |
Electronic Components Datasheet Search |
|
GS9068 Datasheet(PDF) 4 Page - Gennum Corporation |
|
GS9068 Datasheet(HTML) 4 Page - Gennum Corporation |
4 / 8 page ![]() GENNUM CORPORATION 22213 - 2 4 of 8 2. ELECTRICAL CHARACTERISTICS 2.1 ABSOLUTE MAXIMUM RATINGS TA = 25°C unless otherwise indicated PARAMETER VALUE Supply Voltage -0.5V to 3.6 VDC Input ESD Voltage 500V Storage Temperature Range -50°C < Ts < 125°C Input Voltage Range (any input) -0.3 to (VCC +0.3)V Operating Temperature Range 0°C to 70°C Power Dissipation 300mW Lead Temperature (soldering, 10 sec) 260°C 2.2 DC ELECTRICAL CHARACTERISTICS VCC = 3.3V, VEE =0V, TA = 0°C to 70°C, 270Mb/s unless otherwise shown PARAMETER SYMBOL CONDITIONS MIN TYPICAL MAX UNITS TEST LEVEL Supply Voltage VCC 3.1 3.3 3.5 V 3 Power Consumption PD -160 - mW 5 Supply Current Ι s -48- mA 1 Output Voltage VOC Common mode - VCC - ∆VSDO(SE) -mV 6 Input Voltage VIC Common mode 1.6 + ∆V SDI(DIFF)/2 - VCC - ∆VSDI(DIFF)/2 mV 1 2.3 AC ELECTRICAL CHARACTERISTICS VCC = 3.3V, VEE =0V, TA = 0°C to 70°C, 270Mb/s unless otherwise shown PARAMETER SYMBOL CONDITIONS MIN TYPCAL MAX UNITS TEST LEVEL Serial input data rate DRSDI - - 540 Mb/s 1 Input Voltage Swing ∆V SDI(DIFF) Differential 300 - 2000 mVp-p 1 Output Voltage Swing ∆V SDO(SE) Single Ended into 75 Ω external load RSET = 750Ω 750 800 850 mVp-p 1 Additive jitter -- 30 ps 1 Rise/Fall time tr, tf 20% - 80% 400 - 800 ps 1 Mismatch in rise/fall time ∆t r, ∆tf -- 30 ps 1 Duty cycle distortion - - 100 ps 1 Overshoot -- 8 % 1 Output Return Loss ORL 15 - - dB 7 TEST LEVELS 1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges. 2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using correlated test. 3. Production test at room temperature and nominal supply voltage. 4. QA sample test. 5. Calculated result based on Level 1, 2, or 3. 6. Not tested. Guaranteed by design simulations. 7. Not tested. Based on characterization of nominal parts. 8. Not tested. Based on existing design/characterization data of similar product. 9. Indirect test. 10. Wafer Probe CAUTION The GS9068 is sensitive to electrostatic discharge. Use extreme caution, observing all ESD-prevention practices, during handling and assembly. The SDI inputs of the GS9068 must be protected from electrostatic discharge and electrical overstress during the handling and operation of circuit assemblies containing the device. |
Similar Part No. - GS9068 |
|
Similar Description - GS9068 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |
allmanual.com |