Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS9068 Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS9068
Description  SD SDI Cable Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9068 Datasheet(HTML) 7 Page - Gennum Corporation

  GS9068 Datasheet HTML 1Page - Gennum Corporation GS9068 Datasheet HTML 2Page - Gennum Corporation GS9068 Datasheet HTML 3Page - Gennum Corporation GS9068 Datasheet HTML 4Page - Gennum Corporation GS9068 Datasheet HTML 5Page - Gennum Corporation GS9068 Datasheet HTML 6Page - Gennum Corporation GS9068 Datasheet HTML 7Page - Gennum Corporation GS9068 Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
GENNUM CORPORATION
22213 - 2
7 of 8
5. REFERENCES
Compliant with SMPTE 259M and SMPTE 344M.
6. PACKAGE & ORDERING INFORMATION
6.1 PACKAGE DIMENSIONS
6.2 ORDERING INFORMATION
PART NUMBER
PACKAGE
TEMPERATURE RANGE
Pb-FREE AND GREEN
GS9068-CKA
8 pin SOIC
0°C to 70°C
No
GS9068-CTA
8 pin SOIC Tape
0°C to 70°C
No
GS9068-CKAE3
8 pin SOIC
0°C to 70°C
Yes
GS9068-CTAE3
8 pin SOIC Tape
0°C to 70°C
Yes
0.49 MAX
3.81 ±0.05
3 spaces
@ 1.27 ±0.05
4.0
MAX
6.20
MAX
0.25
MAX
1
8
1.91
MAX
4
5
1.27 MAX
0.25
MAX
5.00 MAX.
0.60 MAX
=
=
=
8-pin SOIC
All dimensions are in millimetres


Similar Part No. - GS9068

ManufacturerPart #DatasheetDescription
Gennum Corporation
Gennum Corporation
GS9068 GENNUM-GS9068 Datasheet
445Kb / 11P
   SD SDI Cable Driver
GS9068-CKAE3 GENNUM-GS9068-CKAE3 Datasheet
445Kb / 11P
   SD SDI Cable Driver
GS9068-CTAE3 GENNUM-GS9068-CTAE3 Datasheet
445Kb / 11P
   SD SDI Cable Driver
GS9068A GENNUM-GS9068A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9068A GENNUM-GS9068A Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results

Similar Description - GS9068

ManufacturerPart #DatasheetDescription
Gennum Corporation
Gennum Corporation
GS9068 GENNUM-GS9068_10 Datasheet
445Kb / 11P
   SD SDI Cable Driver
Texas Instruments
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
National Semiconductor (TI)
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
Gennum Corporation
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
   HD-LINX III SD-SDI Cable Driver
Texas Instruments
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
M21202 MA-COM-M21202 Datasheet
102Kb / 2P
   SD-SDI Broadcast Video Co-axial Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
Emcore Corporation
Emcore Corporation
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
   HD-SDI & SD-SDI Video
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com