Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9064 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS9064
Description  GS9064 SD SDI Adaptive Cable Equalizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9064 Datasheet(HTML) 1 Page - Gennum Corporation

  GS9064 Datasheet HTML 1Page - Gennum Corporation GS9064 Datasheet HTML 2Page - Gennum Corporation GS9064 Datasheet HTML 3Page - Gennum Corporation GS9064 Datasheet HTML 4Page - Gennum Corporation GS9064 Datasheet HTML 5Page - Gennum Corporation GS9064 Datasheet HTML 6Page - Gennum Corporation GS9064 Datasheet HTML 7Page - Gennum Corporation GS9064 Datasheet HTML 8Page - Gennum Corporation GS9064 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996
Fax. +1 (905) 632-5946
E-mail: info@gennum.com
www.gennum.com
Revision Date: June 2004
Document No. 22212 - 2
DATA SHEET
KEY FEATURES
• SMPTE 259 and SMPTE 344 compliant
• automatic cable equalization
• supports DVB-ASI at 270Mb/s
• typical maximum equalized length of Belden 1694A
cable at 270Mb/s is 350m
•50
Ω differential output (with internal 50Ω pull-ups)
• cable length indicator
• output mute based on maximum cable length adjust or
manual override
• Pb-free and Green
• single 3.3V power supply operation
• operating temperature range: 0°C to +70°C
• pin compatible with HDLINX
II GS1524 multirate SDI
adaptive cable equalizer
APPLICATIONS
SMPTE 259M Coaxial Cable Serial Digital Interfaces
DESCRIPTION
The GS9064 is a second-generation high-speed bipolar
integrated circuit designed to equalize and restore signals
received over 75
Ω co-axial cable at data rates from
143Mb/s up to 540Mb/s. The GS9064 is designed to
support SMPTE 344M and SMPTE 259M and is optimized
for performance at 270Mb/s.
The GS9064 features DC restoration to compensate for the
DC content of SMPTE pathological test patterns, and
incorporates a Cable Length Indicator (CLI) that provides a
linear indication of the amount of cable being equalized.
A voltage programmable mute threshold (MCLADJ) is
included to allow muting of the GS9064 output when a
selected cable length is reached. This feature allows the
GS9064 to distinguish between low amplitude SDI signals
and noise at the input of the device. The CD/MUTE pin
provides an indication of the GS9064 mute status in
addition to functioning as a mute control input. The output
of the GS9064 may be forced to an active or a mute
condition by applying a voltage to the CD/MUTE pin.
GS9064 FUNCTIONAL BLOCK DIAGRAM
CABLE LENGTH INDICATOR/ADJUSTOR
CARRIER DETECT
MUTE
EQUALIZER
DC RESTORE
OUTPUT
AGC
CLI
CD/MUTE
SDO
SDO
SDI
SDI
MCLADJ
BYPASS
GS9064 SD SDI
Adaptive Cable Equalizer


Similar Part No. - GS9064

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9064A GENNUM-GS9064A Datasheet
320Kb / 16P
   GS9064A HD-LINX짰 II Adaptive Cable Equalizer
GS9064ACKDE3 GENNUM-GS9064ACKDE3 Datasheet
320Kb / 16P
   GS9064A HD-LINX짰 II Adaptive Cable Equalizer
More results

Similar Description - GS9064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com