Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9062 Datasheet(PDF) 44 Page - Gennum Corporation

Part # GS9062
Description  GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062 Datasheet(HTML) 44 Page - Gennum Corporation

Back Button GS9062 Datasheet HTML 38Page - Gennum Corporation GS9062 Datasheet HTML 39Page - Gennum Corporation GS9062 Datasheet HTML 40Page - Gennum Corporation GS9062 Datasheet HTML 41Page - Gennum Corporation GS9062 Datasheet HTML 42Page - Gennum Corporation GS9062 Datasheet HTML 43Page - Gennum Corporation GS9062 Datasheet HTML 44Page - Gennum Corporation GS9062 Datasheet HTML 45Page - Gennum Corporation GS9062 Datasheet HTML 46Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
GS9062 Data Sheet
22209 - 5
May 2005
44 of 46
6. Package & Ordering Information
6.1 Package Dimensions
TOLERANCES OF FORM AND POSITION
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
MILLIMETER
INCH
80L
b
e
aaa
ccc
bbb
D2
E2
0.22
0.65 BSC
0.026 BSC
12.35
0.20
0.20
0.10
0.008
0.008
0.004
0.486
0.486
12.35
0.30
0.38
0.009 0.012 0.015
NOTES:
Diagram shown is representative only. Table X is fixed for all pin sizes, and
Table Y is specific to the 80-pin package.
Table Y
ddd
0.13
0.005
Table X
CONTROL DIMENSIONS ARE IN MILLIMETERS.
1. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD PROTRUSION.
ALLOWABLE PROTRUSION IS 0.25mm PER SIDE. D1 AND E1 ARE
MAXIMUM PLASTIC BODY SIZE DIMENSIONS INCLUDING MOLD
MISMATCH.
2. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION.
ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE THE LEAD
WIDTH TO EXCEED THE MAXIMUM b DIMENSION BY MORE THAN
0.08mm. DAMBAR CAN NOT BE LOCATED ON THE LOWER RADIUS
OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSION AND AN
ADJACENT LEAD IS 0.07mm FOR 0.4mm AND 0.5mm PITCH PACKAGES.


Similar Part No. - GS9062

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9062 GENNUM-GS9062 Datasheet
191Kb / 9P
   HD-LINX II Voltage Controlled Oscillator
GS9062 GENNUM-GS9062 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS9062-CF GENNUM-GS9062-CF Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS9062-CFE3 GENNUM-GS9062-CFE3 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
More results

Similar Description - GS9062

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS9060 GENNUM-GS9060 Datasheet
941Kb / 61P
   HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
logo
Texas Instruments
LMH0041 TI1-LMH0041 Datasheet
944Kb / 33P
[Old version datasheet]   HD, SD, DVB-ASI SDI Deserializer
logo
National Semiconductor ...
LMH0340 NSC-LMH0340_08 Datasheet
470Kb / 24P
   3G, HD, SD, DVB-ASI SDI Serializer and Driver with LVDS Interface
logo
Texas Instruments
LMH0340SQE TI1-LMH0340SQE Datasheet
926Kb / 30P
[Old version datasheet]   3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver With LVDS Interface
logo
National Semiconductor ...
LMH0340 NSC-LMH0340_09 Datasheet
517Kb / 26P
   3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver with LVDS Interface
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
logo
National Semiconductor ...
LMH0341 NSC-LMH0341_08 Datasheet
530Kb / 28P
   3G, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com