Electronic Components Datasheet Search |
|
GS1559-CBE2 Datasheet(PDF) 9 Page - Gennum Corporation |
|
GS1559-CBE2 Datasheet(HTML) 9 Page - Gennum Corporation |
9 / 74 page GS1559 Data Sheet 30572 - 4 July 2005 9 of 74 C8 YANC Synchronous with PCLK Output STATUS SIGNAL OUTPUT Signal levels are LVCMOS/LVTTL compatible. Used to indicate the presence of ancillary data in the video stream. HD Mode (SD/HD = LOW) The YANC signal will be HIGH when the device has detected VANC or HANC data in the luma video stream and LOW otherwise. SD Mode (SD/HD = LOW) For 20-bit demultiplexed data (20bit/10bit = HIGH), the YANC signal will be HIGH when VANC or HANC data is detected in the luma video stream and LOW otherwise. For 10-bit multiplexed data (20bit/10bit = LOW), the YANC signal will be HIGH when VANC or HANC data is detected anywhere in the data stream and LOW otherwise. D1, E1 DDI1, DDI1 Analog Input Differential input pair for serial digital input 1. D4 IP_SEL Non Synchronous Input CONTROL SIGNAL INPUT Signal levels are LVCMOS/LVTTL compatible. Used to select DDI1 / DDI1 or DDI2 / DDI2 as the serial digital input signal, and CD1 or CD2 as the carrier detect input signal. When set HIGH, DDI1 / DDI1 is selected as the serial digital input and CD1 is selected as the carrier detect input signal. When set LOW, DDI2 / DDI2 serial digital input and CD2 carrier detect input signal is selected. D5 DVB_ASI Non Synchronous Input / Output CONTROL SIGNAL INPUT / STATUS SIGNAL OUTPUT Signal levels are LVCMOS/LVTTL compatible. This pin will be an input set by the application layer in slave mode, and will be an output set by the device in master mode. Master Mode (MASTER/SLAVE = HIGH) The DVB_ASI signal will be HIGH only when the device has locked to a DVB-ASI compliant data stream. It will be LOW otherwise. Slave Mode (MASTER/SLAVE = LOW) When set HIGH in conjunction with SD/HD = HIGH and SMPTE_BYPASS = LOW, the device will be configured to operate in DVB-ASI mode. When set LOW, the device will not support the decoding or word alignment of received DVB-ASI data. D6 LOCKED Synchronous with PCLK Output STATUS SIGNAL OUTPUT Signal levels are LVCMOS / LVTTL compatible. The LOCKED signal will be HIGH whenever the device has correctly received and locked to SMPTE compliant data in SMPTE mode or DVB-ASI compliant data in DVB-ASI mode. It will be LOW otherwise. Table 1-1: Pin Descriptions (Continued) Pin Number Name Timing Type Description |
Similar Part No. - GS1559-CBE2 |
|
Similar Description - GS1559-CBE2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |