Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1300950283 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300950283
Description  PULLING GRIPS MULTI-WEAVE ROTATING EYE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1300950283 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300950283 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PR025-26MS
PR050-32MS
PR100-52MS
PR075-41MS
PR125-56MS
PR150-60MS
DARK GREEN
BROWN
GOLD
LIGHT BLUE
RED
BLACK
COLOR
CODE
PR175-70MS
PR200-50MS
PR300-54MS
PR250-52MS
PR350-56MS
LIGHT GREEN
ORANGE
ALUMINUM
YELLOW
DARK BLUE
CABLE
RANGE
LENGTH
"B"
APPROXIMATE
BREAK
STRENGTH*
(LBS / N)
PRODUCT
SELECTION
NUMBER
MATERIAL
NUMBER
NOMINAL
ROD
DIAMETER
LENGTH
"M"
Y
E
S
N
O
LISTED
UL
CSA
APPROVED
.25-.49 / 6.4-12.4
.50-.74 / 12.7-18.8
.75-.99 / 19.1-25.1
1.00-1.24 / 25.4-31.5
1.25-1.49 / 31.8-37.8
1.50-1.74 / 38.1-44.2
1.75-2.24 / 44.5-56.9
2.00-2.49 / 50.8-63.2
2.50-2.99 / 63.5-75.9
3.00-3.49 / 76.2-88.6
3.50-3.99 / 88.9-101.3
1.37 / 34.8
.87 / 22.1
1.12 / 28.4
.62 / 15.7
.37 / 9.4
1.62 / 41.1
3.75 / 95.3
2.75 / 69.9
3.25 / 82.6
2.25 / 57.2
2.00 / 50.8
30600 / 136116
14400 / 64054
24600 / 109426
10000 / 44482
6800 / 30248
30600 / 136116
48000 / 213515
48000 / 213515
48000 / 213515
48000 / 213515
48000 / 213515
DIAMETER
"C"
.875 / 22.23
1.000 / 25.40
1.375 / 34.93
1.625 / 41.275
CATALOG
NUMBER
1.875 / 47.625
LENGTH
"D"
.187 / 4.75
.219 / 5.56
.344 / 8.74
.375 / 9.53
.437 / 11.1
LENGTH
"E"
LENGTH
"F"
LENGTH
"G"
LENGTH
"H"
.437 / 11.1
.437 / 11.1
.437 / 11.1
1.875 / 47.625
1.875 / 47.625
1.875 / 47.625
2.750 / 69.85
3.625 / 92.08
4.625 / 117.48
5.437 / 138.10
6.250 / 158.75
6.250 / 158.75
6.250 / 158.75
6.250 / 158.75
.281 / 7.14
.500 / 12.70
.500 / 12.70
.625 / 15.88
.656 / 16.66
.500 / 12.70
.656 / 16.66
.656 / 16.66
.656 / 16.66
.250 / 6.35
.312 / 7.92
.375 / 9.53
.500 / 12.70
.500 / 12.70
.500 / 12.70
.500 / 12.70
.875 / 22.23
.906 / 23.01
1.187 / 30.15
1.375 / 34.93
1.000 / 25.40
1.375 / 34.93
1.375 / 34.93
1.375 / 34.93
ROTATING EYE DIMENSIONS - REFERENCE
1.000 / 25.40
.219 / 5.56
3.625 / 92.08
.500 / 12.70
.312 / 7.92
.906 / 23.01
1.875 / 47.625
.437 / 11.1
.437 / 11.1
1.875 / 47.625
6.250 / 158.75
6.250 / 158.75
.656 / 16.66
.656 / 16.66
.500 / 12.70
.500 / 12.70
1.375 / 34.93
1.375 / 34.93
LENGTH "B"
DIAMETER "C"
LENGTH "E"
LENGTH "G"
LENGTH "H"
LENGTH "F"
1
2
3
4
5
6
LENGTH "M"
MEASURED WITH
NOMINAL ROD DIAMETER
2
3 OF LENGTH "M"
DOUBLE WEAVE
1
3 OF LENGTH "M"
TRIPLE WEAVE
COLOR CODED
SHOULDER PROTECTORS
FOR IDENTIFICATION
SEE TABLE
SINGLE/DOUBLE/TRIPLE WEAVE
MESH CONSTRUCTION
ITEM DESCRIPTION
MATERIAL
1
2
WIRE MESH
GALVANIZED STEEL
3
SHOULDER PROTECTOR ALUMINUM
THREADED INSERT
STEEL
4
FLAT WASHERS
NYLATRON
5
SWAGING FERRULE
STEEL
6
ROTATING EYE
STEEL
*TO DETERMINE RECOMMENDED WORKING LOAD, DIVIDE
BREAK STRENGTH BY 5.
INSTRUCTION SHEET TO BE INCLUDED WITH GRIP.
ROTATING EYE
Z
Z
SECTION Z-Z
LENGTH "D"
36620
36621
36623
36622
36626
36627
36625
36624
36628
36630
36629
1300950278
1300950279
1300950281
1300950280
1300950284
1300950285
1300950283
1300950282
1300950286
---------------
1300950287
CATALOG
NUMBER
36620
36621
36623
36622
36626
36627
36625
36624
36628
36630
36629
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
1
2
3
4
5
6
7
8
9
10
11
12
13
1
2
3
4
5
6
7
8
9
10
11
12
13
NTS
SCALE
SD-130095-110
MOLEX INCORPORATED
SIZE
INCH
INCH/MM
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
MULTI-WEAVE
PULLING GRIPS
ROTATING EYE
APPROVED BY
DATE
CHECKED BY
DATE
DRAWN BY
DATE
TITLE
DRAFT WHERE
APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
1/2
.020
.010
.005
---
.25
.13
---
---
1 PLACE
2 PLACES
3 PLACES
4 PLACES
INCH
mm
GENERAL TOLERANCES
(UNLESS SPECIFIED)
=
=
THIRD ANGLE
PROJECTION
C
C
A
0
0
SEE TABLE


Similar Part No. - 1300950283

ManufacturerPart #DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
1300950283 MOLEX11-1300950283 Datasheet
43Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 1.524m
1300950283 MOLEX-1300950283 Datasheet
160Kb / 1P
   PULLING GRIPS MULTI-WEAVE ROTATING EYE
2015/03/23
1300950283 MOLEX-1300950283 Datasheet
160Kb / 1P
   PULLING GRIPS MULTI-WEAVE ROTATING EYE
2015/03/23
1300950283 MOLEX-1300950283 Datasheet
160Kb / 1P
   PULLING GRIPS MULTI-WEAVE ROTATING EYE
2015/03/23
More results

Similar Description - 1300950283

ManufacturerPart #DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
130095-0279 MOLEX11-130095-0279 Datasheet
50Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 0.813m
130095-0282 MOLEX11-130095-0282 Datasheet
50Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 1.422m
1300950278 MOLEX11-1300950278 Datasheet
43Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 0.66m
1300950285 MOLEX11-1300950285 Datasheet
43Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 1.27m
1300950283 MOLEX11-1300950283 Datasheet
43Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 1.524m
130095-0278 MOLEX11-130095-0278 Datasheet
42Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 0.66m
130095-0280 MOLEX11-130095-0280 Datasheet
42Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 1.041m
130095-0281 MOLEX11-130095-0281 Datasheet
50Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 1.321m
130095-0285 MOLEX11-130095-0285 Datasheet
50Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 1.27m
1300950279 MOLEX11-1300950279 Datasheet
43Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 0.813m
1300950280 MOLEX11-1300950280 Datasheet
43Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 1.041m
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com