Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1532-CF Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS1532-CF
Description  GS1532 HD-LINX-TM II Multi-Rate Serializer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1532-CF Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS1532-CF Datasheet HTML 7Page - Gennum Corporation GS1532-CF Datasheet HTML 8Page - Gennum Corporation GS1532-CF Datasheet HTML 9Page - Gennum Corporation GS1532-CF Datasheet HTML 10Page - Gennum Corporation GS1532-CF Datasheet HTML 11Page - Gennum Corporation GS1532-CF Datasheet HTML 12Page - Gennum Corporation GS1532-CF Datasheet HTML 13Page - Gennum Corporation GS1532-CF Datasheet HTML 14Page - Gennum Corporation GS1532-CF Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
GS1532 Data Sheet
21498 - 6
June 2005
11 of 52
38, 39,
42-48, 50
DIN[0:9]
Synchronous
with PCLK
Input
PARALLEL DATA BUS
Signal levels are LVCMOS/LVTTL compatible.
DIN9 is the MSB and DIN0 is the LSB.
HD 20-bit mode
SD/HD = LOW
20bit/10bit = HIGH
Chroma data input in SMPTE mode
SMPTE_BYPASS =HIGH
DVB_ASI = LOW
Data input in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
HD 10-bit mode
SD/HD = LOW
20bit/10bit = LOW
High impedance in all modes.
SD 20-bit mode
SD/HD = HIGH
20bit/10bit = HIGH
Chroma data input in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
High impedance in DVB-ASI mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
SD 10-bit mode
SD/HD = HIGH
20bit/10bit = LOW
High impedance in all modes.
40, 49, 60
IO_GND
Power
Ground connection for digital I/O buffers. Connect to digital GND.
41, 53, 61
IO_VDD
Power
Power supply connection for digital I/O buffers. Connect to +3.3V DC
digital.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS1532-CF

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1532-CF GENNUM-GS1532-CF Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS1532-CFE3 GENNUM-GS1532-CFE3 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
More results

Similar Description - GS1532-CF

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1559 GENNUM-GS1559 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com