Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1531-CB Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS1531-CB
Description  GS1531 HD-LINX-TM II Multi-Rate Serializer
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1531-CB Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS1531-CB Datasheet HTML 4Page - Gennum Corporation GS1531-CB Datasheet HTML 5Page - Gennum Corporation GS1531-CB Datasheet HTML 6Page - Gennum Corporation GS1531-CB Datasheet HTML 7Page - Gennum Corporation GS1531-CB Datasheet HTML 8Page - Gennum Corporation GS1531-CB Datasheet HTML 9Page - Gennum Corporation GS1531-CB Datasheet HTML 10Page - Gennum Corporation GS1531-CB Datasheet HTML 11Page - Gennum Corporation GS1531-CB Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
GS1531 Data Sheet
30573 - 4
July 2005
8 of 49
B8, F8, J8
IO_GND
Power
Ground connection for digital I/O buffers. Connect to digital GND.
C2
PD_VDD
Power
Power supply connection for the phase detector. Connect to +1.8V DC
analog.
C3
PD_GND
Power
Ground connection for the phase detector. Connect to analog GND.
D5
DVB_ASI
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
When set HIGH in conjunction with SD/HD = HIGH and SMPTE_BYPASS
= LOW, the device will be configured to operate in DVB-ASI mode.
When set LOW, the device will not support the encoding of received
DVB-ASI data.
D6
LOCKED
Synchronous
with PCLK
Output
STATUS SIGNAL OUTPUT
Signal levels are LVCMOS / LVTTL compatible.
The LOCKED signal will be HIGH whenever the device has correctly
received and locked to SMPTE compliant data in SMPTE mode or
DVB-ASI compliant data in DVB-ASI mode, or when the device has
achieved lock in Data-Through mode.
It will be LOW otherwise.
E4
SD/HD
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
When set LOW, the device will be configured to transmit signal rates of
1.485Gb/s or 1.485/1.001Gb/s only.
When set HIGH, the device will be configured to transmit signal rates of
270Mb/s only.
E5, F5
CORE_GND
Power
Ground connection for the digital core logic. Connect to digital GND.
E6, F6
CORE_VDD
Power
Power supply connection for the digital core logic. Connect to +1.8V DC
digital.
F1
RSV
Connect to Analog GND.
F4
20bit/10bit
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to select the input data bus width in SMPTE or Data-Through
modes. This signal is ignored in DVB-ASI mode.
When set HIGH, the parallel input will be 20-bit demultiplexed data.
When set LOW, the parallel input will be 10-bit multiplexed data.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS1531-CB

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1531-CB GENNUM-GS1531-CB Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
GS1531-CBE2 GENNUM-GS1531-CBE2 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
More results

Similar Description - GS1531-CB

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1559 GENNUM-GS1559 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com