Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1528-CTAE3 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS1528-CTAE3
Description  GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528-CTAE3 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS1528-CTAE3 Datasheet HTML 5Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 6Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 7Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 8Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 9Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 10Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 11Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 12Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 13Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
GS1528 Data Sheet
16632 - 5
June 2005
11 of 13
4. Application Information
4.1 PCB Layout
Special attention must be paid to component layout when designing serial digital
interfaces for HDTV. An FR-4 dielectric can be used, however, controlled
impedance transmission lines are required for PCB traces longer than
approximately 1cm. Note the following PCB artwork features used to optimize
performance:
The PCB trace width for HD rate signals is closely matched to SMT component
width to minimize reflections due to changes in trace impedance.
The PCB groundplane is removed under the GS1528 output components to
minimize parasitic capacitance.
The PCB ground plane is removed under the GS1528 RSET pin and resistor to
minimize parasitic capacitance.
Input and output BNC connectors are surface mounted in-line to eliminate a
transmission line stub caused by a BNC mounting via high speed traces which are
curved to minimize impedance variations due to change of PCB trace width.
4.2 Typical Application Cirucit
SD/HD
GS1528
1
2
3
4
8
7
6
5
SDI
SDI
VEE
SDO
SDO
SD/HD
10n
75
5.6n
4u7
BNC
VCC
75
5.6n
10n
75
4u7
49.9
750
10n
49.9
4u7
75
BNC
VCC
4u7
VCC
* TYPICAL VALUE VARIES WITH LAYOUT
DIFFERENTIAL
DATA INPUT
*
*
NOTE: All resistors in Ohms, capacitors in Farads,
and inductors in Henrys, unless otherwise noted.


Similar Part No. - GS1528-CTAE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528-CTAE3 GENNUM-GS1528-CTAE3 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CTAE3Z GENNUM-GS1528-CTAE3Z Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results

Similar Description - GS1528-CTAE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com