Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9068A Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS9068A
Description  GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9068A Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS9068A Datasheet HTML 2Page - Gennum Corporation GS9068A Datasheet HTML 3Page - Gennum Corporation GS9068A Datasheet HTML 4Page - Gennum Corporation GS9068A Datasheet HTML 5Page - Gennum Corporation GS9068A Datasheet HTML 6Page - Gennum Corporation GS9068A Datasheet HTML 7Page - Gennum Corporation GS9068A Datasheet HTML 8Page - Gennum Corporation GS9068A Datasheet HTML 9Page - Gennum Corporation GS9068A Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
GS1528A / GS9068A Data Sheet
30953 - 4
January 2006
6 of 16
2.3 AC Electrical Characteristics
VDD = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Test
Levels
Serial input data rate
DRSDO
GS1528A
1.485
Gb/s
1
1
DRSDO
GS9068A
540
Mb/s
1
Additive jitter
1.485Gb/s
22
psp-p
21
270Mb/s
16
psp-p
–4
GS9068A
16
psp-p
–1
Rise/Fall time
tr, tf
SD/HD=0
220
ps
2, 3
1
tr, tf
SD/HD=1
400
800
ps
2, 3
1
tr, tf
GS9068A
400
800
ps
3
1
Mismatch in rise/fall time
tr, tf
––
30
ps
1
Duty cycle distortion
SD/HD=0
30
ps
2
1
SD/HD=1
100
ps
2
7
GS9068A
100
ps
1
Overshoot
SD/HD=0
10
%
2
7
SD/HD=1
8
%
2
1
GS9068A
8
%
1
Output Return Loss
ORL
15
dB
7
Output Voltage Swing
VOUT
Single Ended
into 75
Ω
external load
RSET = 750Ω
750
800
850
mVp-p
–1
Input Voltage Swing
VSDI
Differential
300
2000
mVp-p
–7
TEST LEVELS
1. Production test at room temperature and nominal supply voltage
with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage
with guardbands for supply and temperature ranges using
correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1, 2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of
similar product.
9. Indirect test.
NOTES:
1. The input coupling capacitor must be set accordingly for lower
data rates.
2. This parameter applies only to the GS1528A.
3. Rise/Fall time measured between 20% and 80%.


Similar Part No. - GS9068A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9068A GENNUM-GS9068A Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9068ACKAE3 GENNUM-GS9068ACKAE3 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9068ACTAE3 GENNUM-GS9068ACTAE3 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results

Similar Description - GS9068A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com