Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB3215 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GB3215
Description  PARAGON??DIGITAL Four Channel DSP System with FRONTWAVE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GB3215 Datasheet(HTML) 4 Page - Gennum Corporation

  GB3215 Datasheet HTML 1Page - Gennum Corporation GB3215 Datasheet HTML 2Page - Gennum Corporation GB3215 Datasheet HTML 3Page - Gennum Corporation GB3215 Datasheet HTML 4Page - Gennum Corporation GB3215 Datasheet HTML 5Page - Gennum Corporation GB3215 Datasheet HTML 6Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GENNUM CORPORATION
22735 - 3
4 of 6
Figure 1: Test Circuit
Figure 2: Typical Application Circuit
3k9
3k9
1k
LP FILTER
OUT
VB
INTERFACE
VC
A/D
FRONTWAVE
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
EEPROM
REGULATOR
GB3215
A/D
A/D
D/A
HBRIDGE
205n
60n
13n
70n
70nF
200k
S
5
10
6
9
8
7
11
4
3
12
13
14
1
2
All resistors in ohms, all capacitors in farads unless otherwise stated.
(GB3225)
VB
VC
MS
200k
GA3214
INTERFACE
VC
A/D
CHANNEL 1
CHANNEL 2
EEPROM
S
REGULATOR
A/D
A/D
D/A
HBRIDGE
205n
60n
13n
70n
2
1
13
12
11
3
4
7
6
8
10
9
5
Knowles or Microtronic
zero-bias receiver
(GA3224)
All resistors in ohms, all capacitors in farads unless otherwise stated.
Knowles or Microtronic microphones


Similar Part No. - GB3215

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB3211 GENNUM-GB3211 Datasheet
142Kb / 7P
   Power PARAGON-TM DIGITAL Four Channel DSP System with FRONTWAVE-R
GB3212 GENNUM-GB3212 Datasheet
169Kb / 10P
   DUET??DIGITAL Advanced DSP System with FRONTWAVE짰
logo
Yellow Stone Corp
GB3216TC-DPG YSTONE-GB3216TC-DPG Datasheet
573Kb / 3P
   CERAMIC BASIC TYPE HIGH-PERFORMANCE LEDS
More results

Similar Description - GB3215

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB3211 GENNUM-GB3211 Datasheet
142Kb / 7P
   Power PARAGON-TM DIGITAL Four Channel DSP System with FRONTWAVE-R
GA3214 GENNUM-GA3214 Datasheet
127Kb / 6P
   PARAGON-TM DIGITAL Two Channel DSP System
GB3212 GENNUM-GB3212 Datasheet
169Kb / 10P
   DUET??DIGITAL Advanced DSP System with FRONTWAVE짰
GA3219 GENNUM-GA3219 Datasheet
354Kb / 24P
   Venture-TM Digital DSP System
logo
Realtek Semiconductor C...
ALC3261 REALTEK-ALC3261 Datasheet
1Mb / 130P
   FOUR CHANNEL I2S/PCM AUDIO CODEC WITH VOICE DSP
Rev. 0.91
logo
Gennum Corporation
GA3216 GENNUM-GA3216 Datasheet
233Kb / 14P
   FOUNDATION-TM Digital Single or Dual Channel DSP Compression System
logo
ON Semiconductor
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
GB3225 ONSEMI-GB3225 Datasheet
113Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com