Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTN3904A3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTN3904A3
Description  General Purpose NPN Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTN3904A3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTN3904A3 Datasheet HTML 1Page - Cystech Electonics Corp. BTN3904A3 Datasheet HTML 2Page - Cystech Electonics Corp. BTN3904A3 Datasheet HTML 3Page - Cystech Electonics Corp. BTN3904A3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C228A3
Issued Date : 2003.10.30
Revised Date :
Page No. : 2/4
BTN3904A3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=10µA
BVCEO
40
-
-
V
IC=1mA
BVEBO
6
-
-
V
IE=10µA
ICEX
-
-
50
nA
VCE=30V, VBE=-3V
*VCE(sat)1
-
0.07
0.2
V
IC=10mA, IB=1mA
*VCE(sat)2
-
0.13
0.3
V
IC=50mA, IB=5mA
*VBE(sat)1
0.65
0.8
0.85
V
IC=10mA, IB=1mA
*VBE(sat)2
-
0.85
0.95
V
IC=50mA, IB=5mA
*hFE1
40
-
-
-
VCE=1V, IC=100µA
*hFE2
70
-
-
-
VCE=1V, IC=1mA
*hFE3
100
-
300
-
VCE=1V, IC=10mA
*hFE4
60
-
-
-
VCE=1V, IC=50mA
*hFE5
30
-
-
-
VCE=1V, IC=100mA
fT
300
-
-
MHz
VCE=20V, IC=10mA, f=100MHz
Cob
-
-
4
pF
VCB=5V, IE=0A,f=1MHz
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%


Similar Part No. - BTN3904A3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTN3904N3 CYSTEKEC-BTN3904N3 Datasheet
179Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN3904S3 CYSTEKEC-BTN3904S3 Datasheet
266Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
More results

Similar Description - BTN3904A3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com