Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTD2150AD3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # BTD2150AD3
Description  Low Vcesat NPN Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTD2150AD3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BTD2150AD3 Datasheet HTML 1Page - Cystech Electonics Corp. BTD2150AD3 Datasheet HTML 2Page - Cystech Electonics Corp. BTD2150AD3 Datasheet HTML 3Page - Cystech Electonics Corp. BTD2150AD3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C848D3
Issued Date : 2004.07.06
Revised Date : 2005.04.20
Page No. : 3/4
BTD2150AD3
CYStek Product Specification
Grounded Emitter Output Characteristics
0
500
1000
1500
2000
2500
01
2
3
4
5
6
Collector To Emitter Voltage---VCE(V)
IB=0mA
4mA
6mA
8mA
2mA
10mA
Grounded Emitter Output Characteristics
0
500
1000
1500
2000
2500
3000
3500
01
2
3
4
5
6
Collector To Emitter Voltage---VCE(V)
IB=0mA
5mA
10mA
15mA
20mA
25mA
Current gain vs Collector current
10
100
1000
1
10
100
1000
10000
Collector current---IC(mA)
VCE=5V
VCE=1V
VCE=2V
Saturation voltage vs Collector current
1
10
100
1000
1
10
100
1000
10000
Collector current---IC(mA)
IC=40IB
IC=20IB
IC=10IB
VCE(sat)
Saturation votlage vs Collector current
100
1000
10000
1
10
100
1000
10000
Collector current---IC(mA)
VBE(sat)@IC=10IB
Power Derating Curve
0
0.2
0.4
0.6
0.8
1
1.2
0
50
100
150
200
Ambient Temperature---TA(℃)


Similar Part No. - BTD2150AD3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD2150A3 CYSTEKEC-BTD2150A3 Datasheet
169Kb / 5P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2150AE3 CYSTEKEC-BTD2150AE3 Datasheet
160Kb / 5P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2150AM3 CYSTEKEC-BTD2150AM3 Datasheet
181Kb / 5P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2150AT3 CYSTEKEC-BTD2150AT3 Datasheet
157Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
More results

Similar Description - BTD2150AD3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD882NUT3 CYSTEKEC-BTD882NUT3 Datasheet
302Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1862I3 CYSTEKEC-BTD1862I3 Datasheet
143Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2097AI3 CYSTEKEC-BTD2097AI3 Datasheet
156Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882D3 CYSTEKEC-BTD882D3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882T3 CYSTEKEC-BTD882T3 Datasheet
146Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882I3 CYSTEKEC-BTD882I3 Datasheet
231Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
D44H11E3 CYSTEKEC-D44H11E3 Datasheet
180Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1805F3 CYSTEKEC-BTD1805F3 Datasheet
263Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN853L3 CYSTEKEC-BTN853L3 Datasheet
271Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN1101E3 CYSTEKEC-BTN1101E3 Datasheet
141Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com