Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTD1857AT3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part No. BTD1857AT3
Description  Silicon NPN Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYSTEKEC [Cystech Electonics Corp.]
Homepage  http://www.cystekec.com
Logo 

BTD1857AT3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C855T3
Issued Date : 2004.12.15
Revised Date :
Page No. : 1/4
BTD1857AT3
CYStek Product Specification
Silicon NPN Epitaxial Planar Transistor
BTD1857AT3
Description
• High BVCEO
• High current capability
• Complementary to BTB1236AT3
Symbol
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
180
V
Collector-Emitter Voltage
VCEO
160
V
Emitter-Base Voltage
VEBO
5
V
Collector Current (DC)
IC
1.5
A
Collector Current (Pulse)
ICP
3
A
Power Dissipation @TA=25℃
1
W
Power Dissipation @TC=25℃
PD
20
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
BTD1857AT3
TO-126
B:Base
C:Collector
E:Emitter
E C B


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn