Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTD1857AM3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part No. BTD1857AM3
Description  Silicon NPN Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTD1857AM3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BTD1857AM3 Datasheet HTML 1Page - Cystech Electonics Corp. BTD1857AM3 Datasheet HTML 2Page - Cystech Electonics Corp. BTD1857AM3 Datasheet HTML 3Page - Cystech Electonics Corp. BTD1857AM3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C855M3-R
Issued Date : 2004.08.06
Revised Date : 2005.01.14
Page No. : 1/4
BTD1857AM3
CYStek Product Specification
Silicon NPN Epitaxial Planar Transistor
BTD1857AM3
Description
• High BVCEO
• High current capability
• Complementary to BTB1236AM3
Symbol
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
180
V
Collector-Emitter Voltage
VCEO
160
V
Emitter-Base Voltage
VEBO
5
V
Collector Current (DC)
IC
1.5
A
Collector Current (Pulse)
ICP
3
A
0.6
1
(Note 1)
Power Dissipation
PD
2
(Note 2)
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note
: 1. When mounted on FR-4 PCB with area measuring 10×10×1 mm
2 . When mounted on ceramic with area measuring 40×40×1 mm
BTD1857AM3
SOT-89
B:Base
C:Collector
E:Emitter
B C E


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn