Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTD1857AM3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part No. BTD1857AM3
Description  Silicon NPN Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYSTEKEC [Cystech Electonics Corp.]
Homepage  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTD1857AM3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BTD1857AM3 Datasheet HTML 1Page - Cystech Electonics Corp. BTD1857AM3 Datasheet HTML 2Page - Cystech Electonics Corp. BTD1857AM3 Datasheet HTML 3Page - Cystech Electonics Corp. BTD1857AM3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C855M3-R
Issued Date : 2004.08.06
Revised Date : 2005.01.14
Page No. : 3/4
BTD1857AM3
CYStek Product Specification
Characteristic Curves
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VCE=5V
Tj=25℃
Tj=75℃
Tj=125℃
Saturation Voltage vs Collector Current
10
100
1000
10
100
1000
10000
Collector Current---IC(mA)
VCE(SAT)@IC=10IB
Tj=25℃
Tj=75℃
Tj=125℃
Saturation Voltage vs Collector Current
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VBE(SAT)@IC=10IB
Tj=25℃
Tj=75℃
Tj=125℃
On Voltage vs Collector Current
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VBE(ON)@VCE=5V
Tj=25℃
Tj=75℃
Tj=125℃
Safe Operationg Area
0.01
0.1
1
10
1
10
100
1000
Forward Voltage---VCE(V)
PT=1s
PT=1ms
PT=100ms
Power Derating Curve
0
0.5
1
1.5
2
2.5
0
50
100
150
200
Case Temperature---TC(℃)
See Note 2 on page 1
See Note 1 on page 1


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn