Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1085LZ-5 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1085LZ-5
Description  3.3V EconOscillator Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1085LZ-5 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1085LZ-5 Datasheet HTML 6Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 7Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 8Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 9Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 10Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 11Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 12Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 13Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
DS1085L
10 of 21
COMMAND SET
Data and control information is read from and written to the DS1085L in the format shown in Figure 3.
To write to the DS1085L, the master issues the slave address of the DS1085L and the R/ W bit is set to 0.
After receiving an acknowledge, the bus master provides a command protocol. After receiving this
protocol, the DS1085L issues an acknowledge, and then the master can send data to the DS1085L. If the
DS1085L is to be read, the master must send the command protocol as before, and then issue a repeat
START condition and then the control byte again, this time with the R/ W bit set to 1 to allow reading of
the data from the DS1085L. The command set for the DS1085L is listed as follows:
Access DAC [08h]
If R/ W is 0, this command writes to the DAC register. After issuing this command, the next data byte
values are written into the DAC register. If R/ W is 1, the next data bytes read are the values stored in the
DAC register. This is a 2-byte transfer, the first byte contains the eight MSBs, and the second byte
contains the two LSBs in the most significant positions of the data byte. The remaining six bits are
ignored and can be written with any value (if read, these bits are 0).
Access OFFSET [0Eh]
If R/ W is 0, this command writes to the OFFSET register. After issuing this command, the next data byte
value is written into the OFFSET register. If R/ W is 1, the next data byte read is the value stored in the
OFFSET register. This is a single-byte transfer of which only the five LSBs (last five bits) are used. The
remaining three bits can be written with any value to complete the data byte (if read, these bits are 1).
Access DIV [01h]
If R/ W is 0, this command writes to the DIV register. After issuing this command, the next data byte
values are written into the DIV register. If R/ W is 1, the next data bytes read are the values stored in the
DIV register. This register has a 10-bit value. The upper eight bits are sent first, followed by a second
byte that contains the two LSBs of the register value in the most significant positions of the data byte.
The remaining six bits are ignored and can be set to any value (if read, these bits are 0).
Access MUX [02h]
If R/ W is 0, this command writes to the MUX register. After issuing this command, the next data byte
values are written into the MUX register. If R/ W is 1, the next data bytes read are the values stored in the
MUX register. This register has a 10-bit value. The upper eight bits are sent first, followed by a second
byte that contains the two LSBs of the register value in the most significant positions of the data byte.
The remaining six bits are ignored and can be set to any value (if read, these bits are 0).
Access ADDR [0Dh]
If R/ W is 0, this command writes to the ADDR register. After issuing this command, the next data byte
value is written into the ADDR register. If R/ W is 1, the next data byte read is the value stored in the
ADDR register. This is a single-byte transfer. This register has a 5-bit value, the first three bits of a write
can be any value followed by the five active bits (if read, the first three bits are 0).


Similar Part No. - DS1085LZ-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085LZ-5 MAXIM-DS1085LZ-5 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
More results

Similar Description - DS1085LZ-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
logo
Dallas Semiconductor
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
logo
Integrated Device Techn...
ICS843204I IDT-ICS843204I Datasheet
382Kb / 16P
   3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1089L MAXIM-DS1089L Datasheet
490Kb / 12P
   3.3V Center SpreadSpectrum EconOscillator
Rev 1; 9/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com