Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G17GW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AUP1G17GW
Description  Low-power Schmitt-trigger buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G17GW Datasheet(HTML) 5 Page - NXP Semiconductors

  74AUP1G17GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
9397 750 14677
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 26 July 2005
5 of 20
Philips Semiconductors
74AUP1G17
Low-power Schmitt-trigger buffer
11. Static characteristics
Table 8:
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VOH
HIGH-state output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.1
-
-
V
IO = −1.1 mA; VCC = 1.1 V
0.75
× V
CC
--
V
IO = −1.7 mA; VCC = 1.4 V
1.11
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.32
-
-
V
IO = −2.3 mA; VCC = 2.3 V
2.05
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.9
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.72
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.6
-
-
V
VOL
LOW-state output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.31
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.31
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.31
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.44
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.31
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.44
V
ILI
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.1
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.2
µA
∆IOFF
additional power-off leakage
current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.2
µA
ICC
quiescent supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
0.5
µA
∆ICC
additional quiescent supply
current
VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
--
40
µA
Ci
input capacitance
VI = GND or VCC; VCC = 0 V to 3.6 V
-
0.8
-
pF
Co
output capacitance
VO = GND; VCC = 0 V
-
1.7
-
pF


Similar Part No. - 74AUP1G17GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G17GW NXP-74AUP1G17GW Datasheet
110Kb / 20P
   Low-power Schmitt trigger
Rev. 03-10 July 2009
logo
Nexperia B.V. All right...
74AUP1G17GW NEXPERIA-74AUP1G17GW Datasheet
321Kb / 24P
   Low-power Schmitt trigger
Rev. 13 - 13 January 2022
74AUP1G17GW-Q100 NEXPERIA-74AUP1G17GW-Q100 Datasheet
247Kb / 17P
   Low-power Schmitt trigger
Rev. 2 - 13 January 2022
More results

Similar Description - 74AUP1G17GW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G17 TI-SN74AUP1G17_10 Datasheet
981Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
SN74AUP1G17-EP TI1-SN74AUP1G17-EP Datasheet
368Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17_101 TI-SN74AUP1G17_101 Datasheet
982Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP2G17 TI1-SN74AUP2G17 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
SN74AUP1G17 TI1-SN74AUP1G17_17 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Buffer
SN74AUP3G17 TI-SN74AUP3G17 Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
logo
Renesas Technology Corp
HD74LVC1G17 RENESAS-HD74LVC1G17 Datasheet
2Mb / 8P
   Schmitt-trigger Buffer
RD74LVC1G17 RENESAS-RD74LVC1G17 Datasheet
2Mb / 8P
   Schmitt-trigger Buffer
HD74ALVC1G14 RENESAS-HD74ALVC1G14 Datasheet
80Kb / 10P
   Schmitt-trigger Inverter Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com