Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQS5202 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part No. TQS5202
Description  Precision, 100UA Gain Selectable Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQS5202 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TQS5202 Datasheet HTML 1Page - TriQuint Semiconductor TQS5202 Datasheet HTML 2Page - TriQuint Semiconductor TQS5202 Datasheet HTML 3Page - TriQuint Semiconductor TQS5202 Datasheet HTML 4Page - TriQuint Semiconductor TQS5202 Datasheet HTML 5Page - TriQuint Semiconductor TQS5202 Datasheet HTML 6Page - TriQuint Semiconductor TQS5202 Datasheet HTML 7Page - TriQuint Semiconductor TQS5202 Datasheet HTML 8Page - TriQuint Semiconductor TQS5202 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TQS5202
Data Sheet
Dual-band Diversity Switch for 802.11a/b/g Systems
For additional information and latest specifications, see our website: www.triquint.com
Revision 4, July, 21, 2004
7
TQS5202 measured performance; in TriQuint DP2T V2.0 Evaluation Board
Measurement conditions: Ta = 25°C; Vctrl=3.0V/0V; Fo=2.5GHz; unless otherwise noted.
Data Sheet: Subject to change without notice
2
nd Harmonic vs. I/P Power
Fo=2.5GHz
3
rd Harmonic vs. I/P Power
Fo=2.5GHz
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
20
21
22
23
24
25
26
27
28
29
30
Input Power (dBm)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
20
21
22
23
24
25
26
27
28
29
30
Input Power (dBm)
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
20
21
22
23
24
25
26
27
28
29
30
Input Power (dBm)
Insertion Loss vs. I/P Power
Fo=2.5GHz


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn