Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQS5202 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part No. TQS5202
Description  Precision, 100UA Gain Selectable Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQS5202 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQS5202 Datasheet HTML 1Page - TriQuint Semiconductor TQS5202 Datasheet HTML 2Page - TriQuint Semiconductor TQS5202 Datasheet HTML 3Page - TriQuint Semiconductor TQS5202 Datasheet HTML 4Page - TriQuint Semiconductor TQS5202 Datasheet HTML 5Page - TriQuint Semiconductor TQS5202 Datasheet HTML 6Page - TriQuint Semiconductor TQS5202 Datasheet HTML 7Page - TriQuint Semiconductor TQS5202 Datasheet HTML 8Page - TriQuint Semiconductor TQS5202 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TQS5202
Data Sheet
Dual-band Diversity Switch for 802.11a/b/g Systems
For additional information and latest specifications, see our website: www.triquint.com
Revision 4, July, 21, 2004
6
TQS5202 measured performance; in TriQuint DP2T V2.0 Evaluation Board
Measurement conditions: Ta = 25°C; Vctrl=3.0V/0V; unless otherwise noted.
Insertion Loss vs. Frequency
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
Return Loss vs. Frequency
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
Isolation vs. Frequency
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.00.5
1.01.5
2.02.5
3.03.5
4.04.5
5.0
5.5
6.0
Frequency (GHz)
Data Sheet: Subject to change without notice


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn