Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TQPED Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part No. TQPED
Description  Precision, 100UA Gain Selectable Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQPED Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQPED Datasheet HTML 1Page - TriQuint Semiconductor TQPED Datasheet HTML 2Page - TriQuint Semiconductor TQPED Datasheet HTML 3Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production Process
TQPED
0.5 um E/D pHEMT Foundry Service
Semiconductors for Communications
www.triquint.com
TriQuint Semiconductor
2300 NE Brookwood Pkwy
Hillsboro, Oregon 97124
Phone: 503-615-9000
Fax: 503-615-8905
Email: info@triquint.com
Page 2 of 5; Rev 2.0 7/22/03
Process Details @ Vds = 3.0V
Element
Parameter
Value
Units
D-Mode pHEMT
Vp (1uA/um)
-0.8
V
Idss
225
mA/mm
Imax
550
mA/mm
Breakdown, Vdg
15 min, 20 typ
V
Ft @ 50% Idss
25
GHz
Fmax @ 50% Idss
90
GHz
Gm (50% Idss)
350
mS/mm
Ron
1.5
Ohms * mm
E-Mode pHEMT
Vth (1uA/um)
+0.35
V
Idss
0.1
uA/um
Imax
310
mA/mm
Breakdown, Vdg
15 min, 18 typ
V
Ft @ 50% Idss
30
GHz
Fmax @ 50% Idss
100
GHz
Gm (50% Idss)
625
mS/mm
Ron
2.5
Ohms * mm
Common Process Element Details
Gate Length
0.5
µm
Interconnect
3
Metal Layers
MIM Caps
Value
630
pF/mm2
Resistors
NiCr
50
Ohms/sq
Bulk
285
Ohms/sq
TQPED
Process
Details
Maximum
Ratings
Storage Temperature Range
-65 to +150
Deg C
Operating Temperature Range
-55 to +150
Deg C
EFET/DFET Transistor
(Vs open; Idg = 1uA/um)
15
V
Capacitor
40
V
Page 2 of 3; Rev 1.0 12/1/2004
Pre-Production Process


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn