Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP777002 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQP777002
Description  2.4GHz ISM Band InGaP HBT Matched Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP777002 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQP777002 Datasheet HTML 1Page - TriQuint Semiconductor TQP777002 Datasheet HTML 2Page - TriQuint Semiconductor TQP777002 Datasheet HTML 3Page - TriQuint Semiconductor TQP777002 Datasheet HTML 4Page - TriQuint Semiconductor TQP777002 Datasheet HTML 5Page - TriQuint Semiconductor TQP777002 Datasheet HTML 6Page - TriQuint Semiconductor TQP777002 Datasheet HTML 7Page - TriQuint Semiconductor TQP777002 Datasheet HTML 8Page - TriQuint Semiconductor TQP777002 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TQP777002
Data Sheet
2.4GHz ISM Band InGaP HBT Matched Power Amplifier
For additional information and latest specifications, see our website: www.triquint.com
Revision A, July 22, 2004
3
Absolute Maximum Ratings
General Electrical Characteristics1
1 AC performance is guaranteed at the following Test Conditions: Ta=25oC, f=2450MHz, Vref=2.90V Vc1=Vc2=Vc3=3.3V
Parameter
min
typ
max
Unit
Frequency Range
2400
-
2500
Mhz
Power Gain
28.5
30.5
dB
Linear Output Power (802.11g 54Mbps OFDM) – 3.0% EVM
18.5
dBm
Linear Output Power (guaranteed ACP under 802.11b
modulation) , 11Mbps
21
22
dBm
Gain Variation vs. Frequency
+/-0.2
dB
802.11b Adjacent Channel Power @ +22.0 dBm Output power
– 1
st Side Lobe, 11 Mbps
-37
dBc
802.11b Adjacent Channel Power @+22.0 dBm Output power
– 2
nd Side Lobe, 11Mbps
-55
dBc
802.11b Adjacent Channel Power @ +22 dBm Output power –
1
st Side Lobe, 1 Mbps
-37
802.11b Adjacent Channel Power @+22 dBm Output power –
2
nd Side Lobe, 1Mbps
-52
2
nd Harmonic @ +22.0 dBm Output power
-35
dBc
3
rd Harmonic @ +22.0 dBm Output power
-47
dBc
S21 off-state, (2400-2500MHz)
-40
dB
S12
-47
dB
Input Return Loss
-16
dB
Power detector voltage range
0.5
1.5
V
Power detector slope
8mV/dB at +0dBm
66mV/dB @ +23dBm
Parameter
Symbol
Value
Unit
min
max
Power Supply Voltage (no RF applied)
Vc1, Vc2, Vc3
6.0
V
Power Supply Voltage (RF applied)
Vc1, Vc2, Vc3
4.5
V
Bias Voltage
Vref
5.0
V
Case Temperature, Survival
Tc
-40
100
°C
Storage Temperature
Ta
-40
150
°C
Operating Temperature Range
Toper
-40
85
°C
RF Input Power
Pin
+10
dBm
Data Sheet: Subject to change without notice


Similar Part No. - TQP777002

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP770001 TRIQUINT-TQP770001 Datasheet
334Kb / 10P
   Bluetooth Two Stage (HBT) Power Amplifier (EDR Compliant)
More results

Similar Description - TQP777002

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP2420G TRIQUINT-TQP2420G Datasheet
524Kb / 13P
   2.4GHz ISM Band InGaP HBT Power Amplifier
TQP2420B TRIQUINT-TQP2420B Datasheet
479Kb / 10P
   2.4GHz ISM Band InGaP HBT Power Amplifier
logo
Skyworks Solutions Inc.
AP147-320 SKYWORKS-AP147-320 Datasheet
1Mb / 11P
   ISM 900 MHz Band 2-Watt InGaP HBT Power Amplifier
SKY65111-348LF SKYWORKS-SKY65111-348LF Datasheet
2Mb / 16P
   ISM 600-1100 MHz Band 2 Watt InGaP HBT Power Amplifier
logo
WALSIN TECHNOLOGY CORPO...
RFBPF2012090ALT WALSIN-RFBPF2012090ALT Datasheet
617Kb / 7P
   ISM 2.4GHz Band Application
logo
RF Micro Devices
SBB-2082S RFMD-SBB-2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060A97B1U WALSIN-RFLPF1608060A97B1U Datasheet
501Kb / 8P
   2.4GHz ISM Band Working Frequency
logo
Mimix Broadband
CGB7289-BD MIMIX-CGB7289-BD Datasheet
301Kb / 18P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060AFT WALSIN-RFLPF1608060AFT Datasheet
513Kb / 7P
   2.4GHz ISM Band RF Application
logo
Mimix Broadband
CGB7389-SC MIMIX-CGB7389-SC Datasheet
263Kb / 15P
   2.1-2.5 GHz InGaP HBT Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com