Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB1236AL3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # BTB1236AL3
Description  Silicon PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1236AL3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BTB1236AL3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1236AL3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1236AL3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1236AL3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C854L3
Issued Date : 2004.07.28
Revised Date :
Page No. : 1/4
BTB1236AL3
CYStek Product Specification
Silicon PNP Epitaxial Planar Transistor
BTB1236AL3
Description
• High BVCEO
• High current capability
Symbol
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-180
V
Collector-Emitter Voltage
VCEO
-160
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current (DC)
IC
-1.5
A
Collector Current (Pulse)
ICP
-3
A
Power Dissipation @TC=25℃
Pd
5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
BTB1236AL3
B:Base
C:Collector
E:Emitter


Similar Part No. - BTB1236AL3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1236A3 CYSTEKEC-BTB1236A3 Datasheet
147Kb / 4P
   Silicon PNP Epitaxial Planar Transistor
BTB1236AE3 CYSTEKEC-BTB1236AE3 Datasheet
150Kb / 4P
   Silicon PNP Epitaxial Planar Transistor
BTB1236AFP CYSTEKEC-BTB1236AFP Datasheet
225Kb / 5P
   Silicon PNP Epitaxial Planar Transistor
BTB1236AI3 CYSTEKEC-BTB1236AI3 Datasheet
223Kb / 5P
   Silicon PNP Epitaxial Planar Transistor
BTB1236AJ3 CYSTEKEC-BTB1236AJ3 Datasheet
297Kb / 6P
   Silicon PNP Epitaxial Planar Transistor
More results

Similar Description - BTB1236AL3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com