Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM713019 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TQM713019
Description  3V HBT GaAs CDMA 4x4mm Power Amplifier Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM713019 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TQM713019 Datasheet HTML 2Page - TriQuint Semiconductor TQM713019 Datasheet HTML 3Page - TriQuint Semiconductor TQM713019 Datasheet HTML 4Page - TriQuint Semiconductor TQM713019 Datasheet HTML 5Page - TriQuint Semiconductor TQM713019 Datasheet HTML 6Page - TriQuint Semiconductor TQM713019 Datasheet HTML 7Page - TriQuint Semiconductor TQM713019 Datasheet HTML 8Page - TriQuint Semiconductor TQM713019 Datasheet HTML 9Page - TriQuint Semiconductor TQM713019 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TQM713019
Data Sheet
3V HBT GaAs CDMA 4x4mm Power Amplifier Module
For additional information and latest specifications, see our website: www.triquint.com
Rev. D, March 2005
6
Typical Performance
Test Conditions (Unless Otherwise Specified): VCC=3.4VDC, VREF=2.85VDC, VMODE= 0 or 2.85VDC, POUT=28.0 or 16dBm
Icc @ 836MHz (IS-95 CDMA)
0
100
200
300
400
500
600
0
2
4
6
8 10 1214 1618 2022 2426 28
Pout (dBm )
- 30C
25C
85C
PAE @ 836MHz (IS-95 CDMA)
0.0
10.0
20.0
30.0
40.0
50.0
0
2
4
6
8 1012 14 1618 2022 2426 28
Pout (dBm )
- 30C
25C
85C
ACPR @ 836MHz (IS-95 CDMA)
-70
-65
-60
-55
-50
-45
-40
0
2
4
6
8 10 121416 1820 2224 2628
Pout (dBm )
- 30C
25C
85C
ALTR @ 836MHz (IS-95 CDMA)
-80
-75
-70
-65
-60
-55
-50
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28
Pout (dBm )
- 30C
25C
85C
Data Sheet: Subject to change without notice


Similar Part No. - TQM713019

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM713024 TRIQUINT-TQM713024 Datasheet
481Kb / 12P
   3V GaAs HBT CDMA / WCDMA Cellular Power Amplifier Module
TQM713024 TRIQUINT-TQM713024 Datasheet
514Kb / 14P
   3V GaAs HBT CDMA / WCDMA Cellular Power Amplifier Module
TQM713024 TRIQUINT-TQM713024_06 Datasheet
514Kb / 14P
   3V GaAs HBT CDMA / WCDMA Cellular Power Amplifier Module
More results

Similar Description - TQM713019

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM7138 TRIQUINT-TQM7138 Datasheet
55Kb / 9P
   3V HBT SiGe CDMA 4x4mm POWER AMPLIFIER MODULE
TQM713024 TRIQUINT-TQM713024_06 Datasheet
514Kb / 14P
   3V GaAs HBT CDMA / WCDMA Cellular Power Amplifier Module
TQM713024 TRIQUINT-TQM713024 Datasheet
481Kb / 12P
   3V GaAs HBT CDMA / WCDMA Cellular Power Amplifier Module
TQM7136 TRIQUINT-TQM7136 Datasheet
97Kb / 16P
   3V HBT SiGe CDMA POWER AMPLIFIER MODULE
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
   3V PCS CDMA Power Amplifier Module
logo
Fairchild Semiconductor
RMPA0951AT FAIRCHILD-RMPA0951AT Datasheet
555Kb / 11P
   3V Cellular CDMA PowerEdge Power Amplifier Module
logo
RF Micro Devices
RF5188 RFMD-RF5188_1 Datasheet
210Kb / 8P
   3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
logo
Qorvo, Inc
RF3518 QORVO-RF3518 Datasheet
87Kb / 1P
   3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
logo
RF Micro Devices
RF3514 RFMD-RF3514 Datasheet
115Kb / 1P
   3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
RF5198 RFMD-RF5198 Datasheet
92Kb / 8P
   3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com