Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM7M4022 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQM7M4022
Description  3V Quad-Band GSM850/900/DCS/PCS Power Amplifier Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM7M4022 Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TQM7M4022 Datasheet HTML 3Page - TriQuint Semiconductor TQM7M4022 Datasheet HTML 4Page - TriQuint Semiconductor TQM7M4022 Datasheet HTML 5Page - TriQuint Semiconductor TQM7M4022 Datasheet HTML 6Page - TriQuint Semiconductor TQM7M4022 Datasheet HTML 7Page - TriQuint Semiconductor TQM7M4022 Datasheet HTML 8Page - TriQuint Semiconductor TQM7M4022 Datasheet HTML 9Page - TriQuint Semiconductor TQM7M4022 Datasheet HTML 10Page - TriQuint Semiconductor TQM7M4022 Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Copyright © 2004 TriQuint Semiconductor Inc., All rights reserved (Rev 3.6 2004-08-13)
8
All specifications subject to change without notice
7. Block Diagram
Logic
Power Control
GSM850 / 900 in
VRAMP
VBATT
TX_EN
BS
DCS / PCS in
GSM850 / 900 out
DCS / PCS out
VCC
8. Pin Out


Similar Part No. - TQM7M4022

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM7M4006 TRIQUINT-TQM7M4006 Datasheet
72Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4006 TRIQUINT-TQM7M4006 Datasheet
282Kb / 13P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4006 TRIQUINT-TQM7M4006_07 Datasheet
282Kb / 13P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4007 TRIQUINT-TQM7M4007 Datasheet
91Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results

Similar Description - TQM7M4022

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM6M4003 TRIQUINT-TQM6M4003 Datasheet
165Kb / 1P
   3V Quad-Band GSM850/900 DCS/PCS Transmit Module
TQM6M4002 TRIQUINT-TQM6M4002 Datasheet
288Kb / 1P
   3V Quad-Band GSM850/900 DCS/PCS Transmit Module
TQM6M4001 TRIQUINT-TQM6M4001 Datasheet
228Kb / 17P
   3V Quad-Band GSM850/900 DCS/PCS Transmit Module
TQM7M4012 TRIQUINT-TQM7M4012 Datasheet
538Kb / 12P
   3V QUAD - BRAND GSM850/900 DCS/PCS POWER AMPLIFIER MODULE
TQM7M4006 TRIQUINT-TQM7M4006 Datasheet
72Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
Qorvo, Inc
TQM7M5022 QORVO-TQM7M5022 Datasheet
59Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4014 TRIQUINT-TQM7M4014 Datasheet
207Kb / 8P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012 TRIQUINT-TQM7M5012_15 Datasheet
103Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com