Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ5135 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQ5135
Description  3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ5135 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQ5135 Datasheet HTML 1Page - TriQuint Semiconductor TQ5135 Datasheet HTML 2Page - TriQuint Semiconductor TQ5135 Datasheet HTML 3Page - TriQuint Semiconductor TQ5135 Datasheet HTML 4Page - TriQuint Semiconductor TQ5135 Datasheet HTML 5Page - TriQuint Semiconductor TQ5135 Datasheet HTML 6Page - TriQuint Semiconductor TQ5135 Datasheet HTML 7Page - TriQuint Semiconductor TQ5135 Datasheet HTML 8Page - TriQuint Semiconductor TQ5135 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TQ5135
Data Sheet
4
For additional information and latest specifications, see our website:
www.triquint.com
Typical Test Circuit for CDMA Cellular:
Test Conditions (Unless Otherwise Specified): Vdd=+2.8V, Tc=+25C, RF=881MHz, LO=966MHz, IF=85MHz, PRF=-30dBm, PLO=-4dBm
Bill of Material for TQ5135 LNA/Downconverter Mixer for GIC tuning plots
Component
Reference Designator
Part Number
Value
Size
Manufacturer
Receiver IC
TQ5135
3x3mm
TriQuint Semiconductor
Capacitor
C1, C11, C13
0.1uF
0402
Capacitor
C5
2.7pF
0402
Capacitor
C6
4.7pF
0402
Capacitor
C7
22pF
0402
Capacitor
C8, C9, C10
1000pF
0402
Capacitor
C14
56pF
0402
Capacitor
C15
56pF
0402
Inductor
L1
15nH
0402
TOKO
Inductor
L2
18nH
0402
TOKO
Inductor
L3
100nH
0603
TOKO
Inductor
L4, L5
12nH
0402
TOKO
Resistor
R1, R16
3.3O
0402
Resistor
R6
20O
0402
Resistor
R7
4.7KO
0402
Resistor
R9
1.8O
0402
Resistor
R12
56O
0402
RF Saw Filter
F1
3x3mm
SAWTEK
TQ5135
GND
RF In
GND
LNA
Bias
MXR
In
GND
LO
In
V
DD
RFin
LOin
AUXin
IFout
Vdd
Vdd
Vdd
Lsource
C11
C1
L1
C5
R7
R9
C9
R16
C13
L3
C15
C14
C10
R12
L2
C7
R6
L4
C6
C8
F1
R1
LNA Mode
B+
L5
Alternate Network


Similar Part No. - TQ5135

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5139 TRIQUINT-TQ5139 Datasheet
263Kb / 16P
   2.8V SiGe Dual-Mode CDMA Rx Receiver
More results

Similar Description - TQ5135

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ3132 TRIQUINT-TQ3132 Datasheet
88Kb / 10P
   Low Current, 3V Cellular Band CDMA/AMPS LNA IC
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
TQ5122 TRIQUINT-TQ5122 Datasheet
84Kb / 9P
   3V Cellular TDMA/AMPS Receiver IC With Power- Down
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com