Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ5M31J Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TQ5M31J
Description  TQ5M31J
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ5M31J Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TQ5M31J Datasheet HTML 7Page - TriQuint Semiconductor TQ5M31J Datasheet HTML 8Page - TriQuint Semiconductor TQ5M31J Datasheet HTML 9Page - TriQuint Semiconductor TQ5M31J Datasheet HTML 10Page - TriQuint Semiconductor TQ5M31J Datasheet HTML 11Page - TriQuint Semiconductor TQ5M31J Datasheet HTML 12Page - TriQuint Semiconductor TQ5M31J Datasheet HTML 13Page - TriQuint Semiconductor TQ5M31J Datasheet HTML 14Page - TriQuint Semiconductor TQ5M31J Datasheet HTML 15Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TQ5M31
746 :LUHOHVV &RPPXQLFDWLRQV
 
 1( %URRNZRRG 3DUNZD\

)$;  
+LOOVERUR 25 
5HY & 
 ª¤êGÞ«ÐÇÀº¸Ã€
¡
¡
ISMê
ê
µ
µÑ
Ñç
ç »
» LO<\I
<\I »
» _
_,
,c
c
(Vdd=2.8V, Temp. = 25C)
0
0.5
1
1.5
2
2.5
3
3.5
2410
2420
2430
2440
2450
2460
2470
2480
_
_,
,c
c (MHz)
µ
µÑ
Ñç
ç (dB)
PLO=-7dBm
PLO=-4dBm
PLO=-1dBm
¡
¡
ISMê
ê
1
1
IP3 »
» LO<\I_
<\I_L
L^
^ »
» _
_,
,c
c
(Vdd=2.8V, Temp. = 25 C)
0
2
4
6
8
10
12
2410
2420
2430
2440
2450
2460
2470
2480
_
_,
,c
c (MHz)
IIP3 (dB)
PLO=-1dBm
PLO=-4dBm
PLO=-7dBm
¡
¡
ISMê
ê
Idd
»
» Vdd »
» _
_,
,c
c
(Temp. = 25 C)
0
1
2
3
4
5
6
7
8
9
2400
2410
2420
2430
2440
2450
2460
2470
2480
_
_,
,c
c (MHz)
Idd (mA)
Vdd=2.8V
Vdd=1.8V
Vdd=3.8V
Vdd=4.8V


Similar Part No. - TQ5M31J

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5M31 TRIQUINT-TQ5M31 Datasheet
229Kb / 16P
   3V Downconverter Mixer IC
TQ5M31K TRIQUINT-TQ5M31K Datasheet
2Mb / 15P
   BLOCK DIAGRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com