Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTA54S2 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part No. BTA54S2
Description  Small Signal Schottky diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA54S2 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTA54S2 Datasheet HTML 1Page - Cystech Electonics Corp. BTA54S2 Datasheet HTML 2Page - Cystech Electonics Corp. BTA54S2 Datasheet HTML 3Page - Cystech Electonics Corp. BTA54S2 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C302S
Issued Date : 2004.11.26
Revised Date :
Page No. : 2/4
BAT54S2
CYStek Product Specification
Absolute Maximum Ratings
Symbol
Parameter
Conditions
Min
Max
Unit
VR
continuous reverse voltage
-
30
V
IF
continuous forward current
-
200
mA
IFRM
repetitive peak forward current
tp≤1s, δ≤0.5
-
300
mA
IFSM
non-repetitive peak forward current
tp<10ms
-
600
mA
Ptot
total power dissipation
Tamb≤25℃
-
200
mW
Tstg
storage temperature
-65
+150
Tj
junction temperature
-
125
Tamb
operating ambient temperature
-65
+125
Characteristics (Ta=25°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Max.
Unit
Reverse Breakdown Voltage
VBR
IR=100µA
30
-
V
VF(1)
IF=0.1mA
-
240
mV
VF(2)
IF=1mA
-
320
mV
VF(3)
IF=10mA
-
400
mV
VF(4)
IF=30mA
-
500
mV
Forward Voltage (Note 1)
VF(5)
IF=100mA
-
800
mV
Reverse Leakage Current (Note 2)
IR
VR=25V
-
2
µA
Diode Capacitance
CD
VR=1V, f=1MHz
-
10
pF
Reverse Recovery Time
trr
when switched from IF= 10mA
to IR=10mA; RL=100
Ω;
measured at IR=1mA
-
5
ns
Notes
: 1.pulse test, tp=380µs, duty cycle<2%.
2.pulse test, tp=300µs, duty cycle<2%.
Thermal Characteristics
Symbol
Parameter
Conditions
Value
Unit
Rth j-a
thermal resistance from junction to ambient
note 1
635
K/W
Note 1 : Device mounted on a FR-4 PCB


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAT60J SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  5  STMicroelectronics
BAT74 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  STMicroelectronics
1N5711 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  STMicroelectronics
1N6263 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  STMicroelectronics
TMBAT49 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  STMicroelectronics
BAS386 Small Signal Schottky Diode 1  2  3  4  5  Vishay Siliconix
TMBYV10-60 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  5  STMicroelectronics
RB520S-30C2 Small Signal Schottky diode 1  2  3  Cystech Electonics Corp.
BAR28 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  STMicroelectronics
TMM6263 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn