Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54CN3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # BAT54CN3
Description  Small Signal Schottky (double) diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BAT54CN3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BAT54CN3 Datasheet HTML 1Page - Cystech Electonics Corp. BAT54CN3 Datasheet HTML 2Page - Cystech Electonics Corp. BAT54CN3 Datasheet HTML 3Page - Cystech Electonics Corp. BAT54CN3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C302N3-H
Issued Date : 2003.04.14
Revised Date :
Page No. : 1/4
BAT54N3/BAT54AN3/BAT54CN3/BAT54SN3
CYStek Product Specification
Small Signal Schottky (double) diodes
BAT54N3/BAT54AN3
BAT54CN3/BAT54SN3
Description
Planar silicon Schottky barrier diodes encapsulated in a SOT-23 small plastic SMD package.
Single diodes and double diodes with different pinning are available.
Features
•Very small conduction losses
•Low forward voltage drop
•Small plastic SMD package
Applications
•Ultra high-speed switching
•Voltage clamping
•Protection circuits
•Blocking diodes
Pinning
Outline
Description
Pin
BAT54
BAT54A
BAT54C
BAT54S
1
A
K1
A1
A1
2
NC
K2
A2
K2
3
K
A1,A2
K1,K2
K1,A1
2
3
1
N.C.
12
3
1
2
3
3
2
1
SOT-23
1
2
3
(1) BAT54
(3)BAT54C
(2)BAT54A
(4)BAT54S
Diode configuration and symbol
Marking:
Type
Marking Code
BAT54 N3
L4
BAT54AN3
L42
BAT54CN3
L43
BAT54SN3
L44


Similar Part No. - BAT54CN3

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54C PANJIT-BAT54C Datasheet
110Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54C PANJIT-BAT54C Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Chip Integration Techno...
BAT54C CITC-BAT54C Datasheet
158Kb / 3P
   200mA Surface Mount Small Signal Diodes
logo
Diodes Incorporated
BAT54C DIODES-BAT54C Datasheet
113Kb / 2P
   SOT23 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
logo
Formosa MS
BAT54C FORMOSA-BAT54C Datasheet
86Kb / 2P
   Surface Mount Schottky Diode - Silicon epitaxial planar type
More results

Similar Description - BAT54CN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAT54XS3 CYSTEKEC-BAT54XS3 Datasheet
183Kb / 4P
   Small Signal Schottky (double) diodes
BAR40AS3 CYSTEKEC-BAR40AS3 Datasheet
236Kb / 6P
   Small Signal Schottky (double) diodes
BAS70AS3 CYSTEKEC-BAS70AS3 Datasheet
264Kb / 6P
   Small Signal Schottky (double) diodes
BAR40AN3 CYSTEKEC-BAR40AN3 Datasheet
246Kb / 7P
   Small Signal Schottky (double) diodes
BAR40CS3 CYSTEKEC-BAR40CS3 Datasheet
236Kb / 6P
   Small Signal Schottky (double) diodes
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com